Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-QC526-622.08 Datasheet(PDF) 8 Page - Fox Electronics

Part # FXO-QC526-622.08
Description  LVPECL 5 x 3.2mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-QC526-622.08 Datasheet(HTML) 8 Page - Fox Electronics

Back Button FXO-QC526-622.08 Datasheet HTML 4Page - Fox Electronics FXO-QC526-622.08 Datasheet HTML 5Page - Fox Electronics FXO-QC526-622.08 Datasheet HTML 6Page - Fox Electronics FXO-QC526-622.08 Datasheet HTML 7Page - Fox Electronics FXO-QC526-622.08 Datasheet HTML 8Page - Fox Electronics FXO-QC526-622.08 Datasheet HTML 9Page - Fox Electronics FXO-QC526-622.08 Datasheet HTML 10Page - Fox Electronics FXO-QC526-622.08 Datasheet HTML 11Page - Fox Electronics FXO-QC526-622.08 Datasheet HTML 12Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FXO-PC52 Series
Page 8 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
An additional identification code is contained internally if tracking should ever be necessary
Tape and Reel Dimensions
Labeling
(Reels and smaller packaging are labeled with the below)
• Fox Part Number: 773B-622.08-3
• Quantity:
2000 pieces
LOT #
24435
If traceability should become necessary
• Description:
FXO-PC526R-622.08
• Date Code
0745
(YYWW 2007 45
th wk)
773B-622.08-3
FXO-PC526R-622.08
Ø1.5mm
4.0mm
8.0mm
7.5mm
16mm
2.15mm
2.0
255.0
17.5
80.0
2.0
Ø13.0
Ø21.0
120°
Ø21.0
Ø13.0
17.5
2.0
178.0
62.0
2.0
2.0
2k Reel Dimensions
1k Reel Dimensions
in mm
in mm
12mm
5.5mm


Similar Part No. - FXO-QC526-622.08

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-QC530-622.08 FOX-FXO-QC530-622.08 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXO-QC530R-622.08 FOX-FXO-QC530R-622.08 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXO-QC535-622.08 FOX-FXO-QC535-622.08 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXO-QC535R-622.08 FOX-FXO-QC535R-622.08 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXO-QC536-622.08 FOX-FXO-QC536-622.08 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
More results

Similar Description - FXO-QC526-622.08

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com