Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC0900L-30P Datasheet(PDF) 11 Page - Anaren Microwave

Part # XC0900L-30P
Description  20 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0900L-30P Datasheet(HTML) 11 Page - Anaren Microwave

Back Button XC0900L-30P Datasheet HTML 7Page - Anaren Microwave XC0900L-30P Datasheet HTML 8Page - Anaren Microwave XC0900L-30P Datasheet HTML 9Page - Anaren Microwave XC0900L-30P Datasheet HTML 10Page - Anaren Microwave XC0900L-30P Datasheet HTML 11Page - Anaren Microwave XC0900L-30P Datasheet HTML 12Page - Anaren Microwave XC0900L-30P Datasheet HTML 13Page - Anaren Microwave XC0900L-30P Datasheet HTML 14Page - Anaren Microwave XC0900L-30P Datasheet HTML 15Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC2100A-20
Rev D
Power Handling
The average power handling (total input power) of a Xinger coupler is a function of:
Internal circuit temperature.
Unit mounting interface temperature.
Unit thermal resistance
Power dissipated within the unit.
All thermal calculations are based on the following assumptions:
The unit has reached a steady state operating condition.
Maximum mounting interface temperature is 95
oC.
Conduction Heat Transfer through the mounting interface.
No Convection Heat Transfer.
No Radiation Heat Transfer.
The material properties are constant over the operating temperature range.
Finite element simulations are made for each unit. The simulation results are used to calculate the unit thermal
resistance. The finite element simulation requires the following inputs:
Unit material stack-up.
Material properties.
Circuit geometry.
Mounting interface temperature.
Thermal load (dissipated power).
The classical definition for dissipated power is temperature delta (
ΔT) divided by thermal resistance (R). The
dissipated power (Pdis) can also be calculated as a function of the total input power (Pin) and the thermal insertion loss
(ILtherm):
)
(
10
1
10
W
P
R
T
P
therm
IL
in
dis
⎟⎟
⎜⎜
=
Δ
=
(1)
Power flow and nomenclature for an “H” style coupler is shown in Figure 1.


Similar Part No. - XC0900L-30P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900L-30P ANAREN-XC0900L-30P Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
More results

Similar Description - XC0900L-30P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com