Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-68C Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TGL41-68C
Description  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TGL41-68C Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TGL41-68C Datasheet HTML 1Page - TAITRON Components Incorporated TGL41-68C Datasheet HTML 2Page - TAITRON Components Incorporated TGL41-68C Datasheet HTML 3Page - TAITRON Components Incorporated TGL41-68C Datasheet HTML 4Page - TAITRON Components Incorporated TGL41-68C Datasheet HTML 5Page - TAITRON Components Incorporated TGL41-68C Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. A/DX 2007-06-04
TGL41-6.8 - TGL41-170CA
www.taitroncomponents.com
Page 3 of 6
TGL41-30
TGL41-30C
-
-
24.3
27.0
33.0
1.0
43.5
9.2
5
TGL41-30A
TGL41-30CA
-
-
25.6
28.5
31.5
1.0
41.4
9.7
5
TGL41-33
TGL41-33C
-
-
26.8
29.7
36.3
1.0
47.7
8.4
5
TGL41-33A
TGL41-33CA
-
-
28.2
31.4
34.7
1.0
45.7
8.8
5
TGL41-36
TGL41-36C
-
-
29.1
32.4
39.6
1.0
52.0
7.7
5
TGL41-36A
TGL41-36CA
-
-
30.8
34.2
37.8
1.0
49.9
8.0
5
TGL41-47
TGL41-47C
-
-
38.1
42.3
51.7
1.0
67.8
5.9
5
TGL41-47A
TGL41-47CA
-
-
40.2
44.7
49.4
1.0
64.8
6.2
5
TGL41-51
TGL41-51C
-
-
41.3
45.9
56.1
1.0
73.5
5.4
5
TGL41-51A
TGL41-51CA
-
-
43.6
48.5
53.6
1.0
70.1
5.7
5
TGL41-56
TGL41-56C
-
-
45.4
50.4
61.6
1.0
80.5
5.0
5
TGL41-56A
TGL41-56CA
-
-
47.8
53.2
58.8
1.0
77.0
5.2
5
TGL41-62
TGL41-62C
-
-
50.2
55.8
68.2
1.0
89.0
4.5
5
TGL41-62A
TGL41-62CA
-
-
53.0
58.9
65.1
1.0
85.0
4.7
5
TGL41-68
TGL41-68C
-
-
55.1
61.2
74.8
1.0
98.0
4.1
5
TGL41-68A
TGL41-68CA
-
-
58.1
64.6
71.4
1.0
92.0
4.3
5
TGL41-75
TGL41-75C
-
-
60.7
67.5
82.5
1.0
108
3.7
5
TGL41-75A
TGL41-75CA
-
-
64.1
71.3
78.8
1.0
103
3.9
5
TGL41-82
TGL41-82C
-
-
66.4
73.8
90.2
1.0
118
3.4
5
TGL41-82A
TGL41-82CA
-
-
70.1
77.9
86.1
1.0
113
3.5
5
TGL41-91
TGL41-91C
-
-
73.7
81.9
100
1.0
131
3.1
5
TGL41-91A
TGL41-91CA
-
-
77.8
86.5
95.5
1.0
125
3.2
5
TGL41-100
TGL41-100C
-
-
81.0
90.0
110
1.0
144
1.39
5
TGL41-100A
TGL41-100CA
-
-
85.5
95.0
105
1.0
137
1.46
5
TGL41-110
TGL41-110C
-
-
89.2
99.0
121
1.0
158
1.27
5
TGL41-110A
TGL41-110CA
-
-
94.0
105
116
1.0
152
1.32
5
TGL41-120
TGL41-120C
-
-
97.2
108
132
1.0
173
1.16
5
TGL41-120A
TGL41-120CA
-
-
102
114
126
1.0
165
1.21
5
TGL41-130
TGL41-130C
-
-
105
117
143
1.0
187
1.07
5
TGL41-130A
TGL41-130CA
-
-
111
124
137
1.0
179
1.12
5
TGL41-150
TGL41-150C
-
-
121
135
165
1.0
215
0.93
5
TGL41-150A
TGL41-150CA
-
-
128
143
158
1.0
207
0.97
5
TGL41-160
TGL41-160C
-
-
130
144
176
1.0
230
0.87
5
TGL41-160A
TGL41-160CA
-
-
136
152
168
1.0
219
0.91
5
TGL41-170
TGL41-170C
-
-
138
153
187
1.0
244
0.82
5
TGL41-170A
TGL41-170CA
-
-
145
162
179
1.0
234
0.85
5


Similar Part No. - TGL41-68C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TGL41-68C MICROSEMI-TGL41-68C Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-68CA MICROSEMI-TGL41-68CA Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
More results

Similar Description - TGL41-68C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com