Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3298-44.736 Datasheet(PDF) 1 Page - Crystek Corporation

Part # S3298-44.736
Description  Clock Oscillator 8 Pin Dip, 5V, HCMOS/TTL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

S3298-44.736 Datasheet(HTML) 1 Page - Crystek Corporation

  S3298-44.736 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-02064 Rev. B
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 8
pin 4
pin 5
O/P Load
incl Probe Cl
OUT
High Impedance
GND or "LOW"
Oscillation
OPEN or "HIGH"
GND
OUT
Vdd
Specifications subject to change without notice.
Aging:
Designed to meet today's
requirements for low jitter
applications. The oscillator
utilizes fundamental and 3rd
overtone crystal technology.
No multiplier is used
therefore reducing output
jitter.
Part Number
Freq. Stability
+/-100ppm
+/- 50ppm
+/- 25ppm
+/- 20ppm
+/- 10ppm
S*3290
S*3292
S*3291
S 3298
S 3297
Crystek Part Number Guide
Example: S3292-44.736
Extended Temp: SE3292-44.736
Symmetry 40/60%
Part Number
Freq. Stability
+/-100ppm
+/- 50ppm
+/- 25ppm
+/- 20ppm
+/- 10ppm
S*3990
S*3992
S*3991
S 3998
S 3997
Symmetry 45/55%
S= 0°C to 70°C
*SE= -40°C to 85°C
8 Pin Dip,
5V, HCMOS/TTL
S32xx Model
Function pin 1
Output pin
Open
"1" level 2.4V Min
"0" level 0.4V Max
Active
Active
High Z
Tri-State Function
.260
(6.60)
.200
(5.08)
.300
(7.62)
.300
(7.62)
Pin
1
Pin
8
Pin
4
Pin
5
CRYSTEK
P/N
Frequency
DC
.450
(11.43)
.520
(13.21)
1.544MHz to 125MHz
±10ppm to ±100ppm
0°C to 70°C
-40°C to 85°C
-55°C to 120°C
5V ± 0.5V
40mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max
4ns Typ, 6ns Max
"0" = 10% Vdd Max
"1" = 90% Vdd Min
50pF/10TTL Max
5ps Typ, 10ps Max
Frequency Range:
Frequency Stability:
Temperature Range:
Operating:
(Option)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
(Option)
Rise/Fall Time:
Logic:
Load:
Jitter RMS:
<3ppm 1st/yr, 1ppm every year thereafter
15
Clock Oscillator
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - S3298-44.736

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S32 NKK-S32 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Yea Shin Technology Co....
S32 YEASHIN-S32 Datasheet
386Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
S32 DYELEC-S32 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Yangzhou yangjie electr...
S32 YANGJIE-S32 Datasheet
99Kb / 2P
   Schottky Rectifier
logo
RFE international
S32 RFE-S32 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-11-2022
More results

Similar Description - S3298-44.736

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCO-014014S CRYSTEKCRYSTAL-CCO-014014S Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
N32XX CRYSTEKCRYSTAL-N32XX Datasheet
105Kb / 1P
   Clock Oscillator 14 Pin Dip, 5V, HCMOS/TTL
CVXO-014014S CRYSTEKCRYSTAL-CVXO-014014S Datasheet
118Kb / 1P
   Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip, 5V, HCMOS/TTL
logo
MTRONPTI
M3H MTRONPTI-M3H Datasheet
251Kb / 1P
   8 pin DIP, 5.0 or 3.3 Volt, HCMOS/TTL Clock Oscillator
M3H_0611 MTRONPTI-M3H_0611 Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
M3H MTRONPTI-M3H_07 Datasheet
393Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
logo
Crystek Corporation
S33XX CRYSTEKCRYSTAL-S33XX Datasheet
106Kb / 1P
   Clock Oscillator 8 Pin Dip, 3.3V, HCMOS
logo
MTRONPTI
MHO++ MTRONPTI-MHO+_07 Datasheet
408Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHO MTRONPTI-MHO Datasheet
261Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHO++ MTRONPTI-MHO+ Datasheet
236Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com