Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

419EA Datasheet(PDF) 3 Page - Tyco Electronics

Part # 419EA
Description  Rast 5 Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

419EA Datasheet(HTML) 3 Page - Tyco Electronics

  419EA Datasheet HTML 1Page - Tyco Electronics 419EA Datasheet HTML 2Page - Tyco Electronics 419EA Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. GG1
Issued 2007/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
Rast 5 Power Relay 419 11 (EA/..) (Continued)
3
SCHRACK
Product key
0419
0
1
0 0
Type
Mounting
1
Snap mounting, 1.0 mm panel
2
Snap mounting, 1.5 mm panel
3
Screw mounting
Version
1
2 coil connectors
2
3 coil connectors
Coil
Coil code: please refer to coil versions table
Contact material
0
AgCu 3
Contact connectors
1
Silver plated
Version
00 Standard
Other types on request
Product key
Version
Cont-material
Cont.configuration
Coil
Coil
Part number
0419 11 0301 00
Snap Mounting
AgCu3
2 NO
AC-coil
230 VAC
3-1415419-5
0419 11 1201 00
1.0 mm plate
contacts
DC-coil
12 VDC
4-1415419-0
0419 11 1301 00
24 VDC
4-1415419-2
0419 31 0301 00
Screw Mounting
AC-coil
230 VAC
4-1415419-9
0419 31 1301 00
DC-coil
24 VDC
5-1415419-5


Similar Part No. - 419EA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
419 LITTELFUSE-419 Datasheet
65Kb / 2P
   SURFACE MOUNT FUSES
logo
Mill-Max Mfg. Corp.
419 MILL-MAX-419 Datasheet
244Kb / 1P
   SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Double Row
419-10-204-00-001000 MILL-MAX-419-10-204-00-001000 Datasheet
244Kb / 1P
   SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Double Row
419-10-204-00-002000 MILL-MAX-419-10-204-00-002000 Datasheet
244Kb / 1P
   SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Double Row
419-10-204-00-005000 MILL-MAX-419-10-204-00-005000 Datasheet
244Kb / 1P
   SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Double Row
More results

Similar Description - 419EA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
041911 MACOM-041911 Datasheet
262Kb / 3P
   Rast 5 Power Relay 419 11 (EA/..)
logo
Molex Electronics Ltd.
2166580200 MOLEX-2166580200 Datasheet
80Kb / 9P
   RAST 5 Power Semi-Automatic IDC Machine
logo
Tyco Electronics
41901 MACOM-41901 Datasheet
297Kb / 3P
   Rast 5 Power Relay 419 01 2 pole 16 A, DC- and AC-coil
logo
Molex Electronics Ltd.
91627-0001 MOLEX-91627-0001 Datasheet
114Kb / 2P
   RAST Power
0622017500 MOLEX-0622017500 Datasheet
61Kb / 1P
   Manual Arbor Press, RAST 5
08/25/2022
logo
Lumberg
362301V01 LUMBERG-362301V01 Datasheet
99Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
3628 LUMBERG-3628 Datasheet
106Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
3642 LUMBERG-3642 Datasheet
87Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
3672 LUMBERG-3672 Datasheet
90Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
3674 LUMBERG-3674 Datasheet
88Kb / 2P
   RAST-5-Steckverbinder, Raster 5,0 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com