Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT221012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MT221012
Description  Multimode Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MT221012 Datasheet(HTML) 1 Page - Tyco Electronics

  MT221012 Datasheet HTML 1Page - Tyco Electronics MT221012 Datasheet HTML 2Page - Tyco Electronics MT221012 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Multimode Relay MT
I 2 / 3 pole 10 A, 2 CO or 3 CO contacts
I DC and AC coils
I Mechanical indicator as standard
I Electrical indicator
I New test system with front operated finger protected
push-to-test button and integral locking test tab
I White write on panel
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0415
Applications
Mechanical engineering, plant control
F0161-A
Approvals
V REG.-Nr. 6182, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
2 CO or 3 CO
Contact set
single cont.
single cont.
bifurcated
Type of interruption
micro disconnection
Rated current
10 A
10 A
4 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
2500 VA
2500 VA
500 VA
Limiting making capacity, max 20 ms
20 A
20 A
8 A
Contact material
AgNi90/10
AgNi90/10
AgNi90/10
gold plated
gold plated
Minimum contact load
12V/10mA
20mV/1mA
20mV/1mA
Mechanical endurance
20x106 cycles
Rated frequency of operation with / without load
20/100 min-1
Contact ratings
Type
Load
Cycles
MT321
10 A, 250 VAC, CO contact, cos
ϕ=1, 360/h, df 50%, 35°C
2.2x105
MT321
Ion 50 A, Ioff 5 A, 3x440 VAC, NO, cos
ϕ=0.3, AC15, normal cond.
6x103
MT321
Ion 30 A, Ioff 3 A, 3x440 VAC, NC, cos
ϕ=0.3, AC15, normal cond.
6x103
MT3..
2 A, 125 V, L/R 30 ms, 3 NO contacts in series, 1800/h, DF 10%
1x105
MT2..
0.7 A, 125 V, L/R 20 ms, 2 NO contacts in series, 1800/h, DF 10%
2x105
MT2..
1 A, 125 V, L/R 20 ms, 2 NO contacts in series, 1800/h, DF 10%
4x104
Coil data
Rated coil voltage range DC coil
6...220 VDC
AC coil
6...230 VAC
Coil power DC coil
1.2 W
AC coil
2.3 VA
Operative range
1
Coil versions, DC-coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
PD*)
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
W
006
0A6
6
4.5
0.6
32+10%
1.1
012
0B2
12
9.0
1.2
110+10%
1.3
024
0C4
24
18.0
2.4
475+
+10%
1.2
048
0E8
48
36.0
4.8
2000+10%
1.2
060
0G0
60
45.0
6.0
2850+10%
1.3
110
1B0
110
82.5
11.5
10000+12%
1.2
220
2C0
220
165.0
22.0
40000+15%
1.2
All figures are given for coil without preenergization, at ambient temperature +23°C
*) Protection diode PD; standard polarity: 2-pole relays: +2 / -7, 3-pole relays: +2 / -10


Similar Part No. - MT221012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT221012 MACOM-MT221012 Datasheet
528Kb / 3P
   Multimode Relay MT
logo
TE Connectivity Ltd
MT221012 TEC-MT221012 Datasheet
366Kb / 3P
   Mechanical indicator as standard
More results

Similar Description - MT221012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT3B3024 MACOM-MT3B3024 Datasheet
528Kb / 3P
   Multimode Relay MT
MT78750 MACOM-MT78750 Datasheet
334Kb / 4P
   Accessories Multimode Relay MT
logo
OPLINK Communications I...
TRPNFEMM OPLINK-TRPNFEMM Datasheet
532Kb / 5P
   Multimode Transceivers
DTR-XXX-LS-W OPLINK-DTR-XXX-LS-W Datasheet
215Kb / 9P
   Multimode Transceivers
logo
ams AG
AS5501 AMSCO-AS5501 Datasheet
315Kb / 26P
   Multimode Powerline-Modem
logo
Zarlink Semiconductor I...
ZL20250 ZARLINK-ZL20250 Datasheet
405Kb / 56P
   2.5G Multimode Transceiver
logo
Microsemi Corporation
LX5241 MICROSEMI-LX5241 Datasheet
261Kb / 7P
   MULTIMODE SCSI TERMINATOR
logo
Broadcom Corporation.
AFEM-9040 BOARDCOM-AFEM-9040 Datasheet
108Kb / 4P
   Multiband Multimode Module
ACPM-7788 BOARDCOM-ACPM-7788 Datasheet
282Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and MultiMode
logo
Advanced Micro Devices
AM9157A AMD-AM9157A Datasheet
1Mb / 21P
   Multimode DMA Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com