Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT221110 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MT221110
Description  Multimode Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MT221110 Datasheet(HTML) 3 Page - Tyco Electronics

  MT221110 Datasheet HTML 1Page - Tyco Electronics MT221110 Datasheet HTML 2Page - Tyco Electronics MT221110 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Multimode Relay MT (Continued)
Product key
Contact configuration
Contact material
Version
Coil
Part number
MT221012
2 CO contacts
AgNi 90/10
DC
12 VDC
4-1393090-9
MT221024
8-pin
with test button
24 VDC
5-1393090-0
MT221048
48 VDC
5-1393090-1
MT221060
60 VDC
5-1393090-2
MT221110
110 VDC
5-1393090-3
MT221220
220 VDC
5-1393090-4
MT223024
DC+LED+test button
24 VDC
5-1393090-7
MT226012
AC
12 VAC
6-1393090-3
MT226024
test button
24 VAC
6-1393090-4
MT226048
48 VAC
6-1393090-5
MT226115
115 VAC
6-1393090-7
MT226230
230 VAC
6-1393090-8
MT228024
AC+LED
24 VAC
6-1393090-9
MT228115
test button
115 VAC
7-1393090-0
MT228230
230 VAC
7-1393090-1
MT321012
3 CO contacts
AgNi 90/10
DC
12 VDC
6-1393091-8
MT321024
11-pin
with test button
24 VDC
7-1393091-0
MT321048
48 VDC
7-1393091-1
MT321060
60 VDC
7-1393091-2
MT321110
110 VDC
7-1393091-4
MT321220
220 VDC
7-1393091-7
MT323024
DC+LED+test button
24 VDC
8-1393091-4
MT3230C4
DC+LED+PT+TB
24 VDC
7-1393091-9
MT326012
AC
12 VAC
9-1393091-6
MT326024
test button
24 VAC
9-1393091-7
MT326048
48 VAC
9-1393091-8
MT326115
115 VAC
0-1393092-1
MT326230
230 VAC
0-1393092-2
MT328024
AC+LED
24 VAC
0-1393092-4
MT328115
test button
115 VAC
0-1393092-7
MT328230
230 VAC
0-1393092-8
MT331024
AgNi 90/10
DC
24 VDC
1-1393092-1
MT331110
gold plated
with test button
110 VDC
1-1393092-3
MT331220
220 VDC
1-1393092-5
MT333024
DC+LED+test button
24 VDC
1-1393092-8
MT3330C4
DC+LED+PD+TB
24 VDC
1-1393092-6
MT333110
DC+LED
110 VDC
2-1393092-0
MT333220
test button
220 VDC
2-1393092-2
MT336115
AC
115 VAC
2-1393092-5
MT336230
test button
230 VAC
2-1393092-6
MT338024
AC+LED
24 VAC
2-1393092-7
MT338115
test button
115 VAC
8-1415025-1
MT338230
230 VAC
2-1393092-8


Similar Part No. - MT221110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT221110 MACOM-MT221110 Datasheet
528Kb / 3P
   Multimode Relay MT
More results

Similar Description - MT221110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT3B3024 MACOM-MT3B3024 Datasheet
528Kb / 3P
   Multimode Relay MT
MT78750 MACOM-MT78750 Datasheet
334Kb / 4P
   Accessories Multimode Relay MT
logo
OPLINK Communications I...
TRPNFEMM OPLINK-TRPNFEMM Datasheet
532Kb / 5P
   Multimode Transceivers
DTR-XXX-LS-W OPLINK-DTR-XXX-LS-W Datasheet
215Kb / 9P
   Multimode Transceivers
logo
ams AG
AS5501 AMSCO-AS5501 Datasheet
315Kb / 26P
   Multimode Powerline-Modem
logo
Zarlink Semiconductor I...
ZL20250 ZARLINK-ZL20250 Datasheet
405Kb / 56P
   2.5G Multimode Transceiver
logo
Microsemi Corporation
LX5241 MICROSEMI-LX5241 Datasheet
261Kb / 7P
   MULTIMODE SCSI TERMINATOR
logo
Broadcom Corporation.
AFEM-9040 BOARDCOM-AFEM-9040 Datasheet
108Kb / 4P
   Multiband Multimode Module
ACPM-7788 BOARDCOM-ACPM-7788 Datasheet
282Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and MultiMode
logo
Advanced Micro Devices
AM9157A AMD-AM9157A Datasheet
1Mb / 21P
   Multimode DMA Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com