Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR6B6K85 Datasheet(PDF) 4 Page - Tyco Electronics

Part # SR6B6K85
Description  General Purpose Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6B6K85 Datasheet(HTML) 4 Page - Tyco Electronics

  SR6B6K85 Datasheet HTML 1Page - Tyco Electronics SR6B6K85 Datasheet HTML 2Page - Tyco Electronics SR6B6K85 Datasheet HTML 3Page - Tyco Electronics SR6B6K85 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Datasheet
Rev. FC1
Issued 2006/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
4
Safety Relay SR6 (Continued)
Product key
Prior product key
Contact configuration
Contact material
Coil
Part number
SR6B4012
V23050-A1012-A542
AgSnO2
4 NO + 2 NC
12 VDC
0-1393260-4
SR6B4018
V23050-A1018-A542
18 VDC
0-1393260-5
SR6A4021
V23050-A1021-A533
3 NO + 3 NC
21 VDC
3-1415018-1
SR6B4021
V23050-A1021-A542
4 NO + 2 NC
0-1393260-6
SR6A4024
V23050-A1024-A533
3 NO + 3 NC
24 VDC
0-1415015-1
SR6B4024
V23050-A1024-A542
4 NO + 2 NC
0-1393260-7
SR6C4024
V23050-A1024-A551
5 NO + 1 NC
0-1415017-1
SR6B4048
V23050-A1048-A542
4 NO + 2 NC
48 VDC
1-1393260-0
SR6A4110
V23050-A1110-A533
3 NO + 3 NC
110 VDC
9-1415018-1
SR6B4110
V23050-A1110-A542
4 NO + 2 NC
1-1393260-3
SR6C4110
V23050-A1110-A551
5 NO + 1 NC
5-1415019-1
1200 mW version


Similar Part No. - SR6B6K85

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6B6K12 MACOM-SR6B6K12 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6B6K12 MACOM-SR6B6K12 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
logo
TE Connectivity Ltd
SR6B6K12 TEC-SR6B6K12 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
logo
Tyco Electronics
SR6B6K15 MACOM-SR6B6K15 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6B6K15 MACOM-SR6B6K15 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
More results

Similar Description - SR6B6K85

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com