Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172S-15PM Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9172S-15PM
Description  3A Fixed Output Voltage LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172S-15PM Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9172S-15PM Datasheet HTML 1Page - Richtek Technology Corporation RT9172S-15PM Datasheet HTML 2Page - Richtek Technology Corporation RT9172S-15PM Datasheet HTML 3Page - Richtek Technology Corporation RT9172S-15PM Datasheet HTML 4Page - Richtek Technology Corporation RT9172S-15PM Datasheet HTML 5Page - Richtek Technology Corporation RT9172S-15PM Datasheet HTML 6Page - Richtek Technology Corporation RT9172S-15PM Datasheet HTML 7Page - Richtek Technology Corporation RT9172S-15PM Datasheet HTML 8Page - Richtek Technology Corporation RT9172S-15PM Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT9172
3
DS9172-15 April 2008
www.richtek.com
Figure 2
Figure 3
Function Block Diagram
RT9172F
Recommend COUT: Please note that the part must be paralleled with the least a 100
μF electrolytic capacitor when
using a 10
μF (or greater) ceramic type as the output capacitor to prevent the output oscillating.
VIN
GND
VOUT
RT9172F-25
C
OUT
C
IN
10uF
V
IN = 3.3V
V
LOAD = 2.5V -ILOADRt
EN
FLG
L
O
A
D
I
LOAD
Trace resistance = R
t
10K
10K
V
OUT
= 2.5V
VIN
GND
VOUT
RT9172N-25
C
OUT
C
IN
10uF
V
IN = 3.3V
V
LOAD = 2.5V
EN
SENSE
L
O
A
D
I
LOAD
Trace resistance = R
t
10K
Buffer
Amlifier
Thermal
Current
Limiting
Sensor
VREF
+
-
GND
FLG
VOUT
EN
VIN


Similar Part No. - RT9172S-15PM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172S-15PM RICHTEK-RT9172S-15PM Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172S-15PM5 RICHTEK-RT9172S-15PM5 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172S-15PM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com