Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF346 Datasheet(PDF) 8 Page - Tyco Electronics

Part # HF346
Description  Signal and RF Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF346 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button HF346 Datasheet HTML 4Page - Tyco Electronics HF346 Datasheet HTML 5Page - Tyco Electronics HF346 Datasheet HTML 6Page - Tyco Electronics HF346 Datasheet HTML 7Page - Tyco Electronics HF346 Datasheet HTML 8Page - Tyco Electronics HF346 Datasheet HTML 9Page - Tyco Electronics HF346 Datasheet HTML 10Page - Tyco Electronics HF346 Datasheet HTML 11Page - Tyco Electronics HF346 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
 of 1
High Frequency Data
RF characteristics
Isolation at 100 MHz / 900 MHz / 3 GHz
Insertion loss at 100 MHz / 900 MHz / 3 GHz
V.S.W.R. at 100 MHz / 900 MHz / 3 GHz
50 Ω
-80dB / -72dB / -45dB
-0.03dB / -0.12dB / -0.35dB
1.05 / 1.15 / 1.20
75 Ω
-80dB / -72dB / -40dB1
-0.03dB / -0.12dB / -0.4dB1
1.05 / 1.20 / 1.401
50 Ohm Version
75 Ohm Version
NO
NC
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency [Mhz]
NO
NC
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
500
1000
1500
2000
2500
3000
Frequency [Mhz]
NO
NC
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
3000
Frequency[Mhz]
NC
NO
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
Frequency [Mhz]
NO
NC
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
500
1000
1500
2000
2500
Frequency [Mhz]
NO
NC
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
Frequency[Mhz]
1 Values given at frequency of 2.5 GHz


Similar Part No. - HF346

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HF346 MACOM-HF346 Datasheet
645Kb / 6P
   RF Signal Relays
More results

Similar Description - HF346

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com