Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF347 Datasheet(PDF) 3 Page - Tyco Electronics

Part # HF347
Description  Signal and RF Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF347 Datasheet(HTML) 3 Page - Tyco Electronics

  HF347 Datasheet HTML 1Page - Tyco Electronics HF347 Datasheet HTML 2Page - Tyco Electronics HF347 Datasheet HTML 3Page - Tyco Electronics HF347 Datasheet HTML 4Page - Tyco Electronics HF347 Datasheet HTML 5Page - Tyco Electronics HF347 Datasheet HTML 6Page - Tyco Electronics HF347 Datasheet HTML 7Page - Tyco Electronics HF347 Datasheet HTML 8Page - Tyco Electronics HF347 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
3 of 1
High performance low cost plastic sealed high frequency
relay for 50 and 75 Ohm systems, 1 pole, polarized coil
Surface Mount Technology (SMT)
Relay types: non latching
latching 1 coil
latching 2 coils
ROHS compliant (Directive 2002/95/EC) all date codes.
Features
Y-Design
Frequency range DC to 3 GHz
Impendance 50 Ω or 75 Ω
Small dimensions (14.6 mm x 7.2 mm x 10 mm)
1 change over contact (1 form C / SPDT)
Immersion cleanable
Low power consumption (≤140 mW)
Typical applications
Cable modems and linecards/ CATV
TAP's
Measurement and test equipment ATE
Satellite / audio / video tuners
Wireless base stations and antennas


Similar Part No. - HF347

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HF347 MACOM-HF347 Datasheet
645Kb / 6P
   RF Signal Relays
More results

Similar Description - HF347

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com