Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFH34012WG Datasheet(PDF) 1 Page - Tyco Electronics

Part # RFH34012WG
Description  Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RFH34012WG Datasheet(HTML) 1 Page - Tyco Electronics

  RFH34012WG Datasheet HTML 1Page - Tyco Electronics RFH34012WG Datasheet HTML 2Page - Tyco Electronics RFH34012WG Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. GK1
Issued 2007/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Power Relay RF
I 1 pole 16 A, 1 NO or 1 NC contact
I Switching capacity 4000 VA
I Coil power 400 mW
I Reinforced insulation (EN 61810, 60335, 60730)
I Ambient temperature up to 105°C
I Quick connect terminals for load side
I WG version: Materials in accordance to IEC 60335-1
I RoHS compliant (Directive 2002/95/EC)
Applications
Oven control, electric heating, power supplies, air conditioning,
microwares, hobs
F0273-AI
Approvals
V REG.-Nr. A652, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1NO or 1NC
Contact set
single contact
Type of interruption
micro disconnection
Rated current
16 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
4000 VA
Limiting making capacity, max 4 s, duty factor 10%
25 A
Contact material
AgNi90/10
Minimum contact load
12VAC / 500mA
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
RF33, RFH3
11 A, 250 VAC, 85°C, EN61810-1
2.5x105
RF33, RFH3
16 A, 250 VAC, 85°C, EN61810-1
1x105
RF33, RFH3
20 A, 250 VAC, 85°C, EN61810-1
2.5x104
RF33, RFH3
25 A, 250 VAC, 70°C, EN61810-1
1.5x104
RFH3
11 A, 250 VAC, 105°C, EN61810-1
2.5x105
RFH3
16 A, 250 VAC, 105°C, EN61810-1
5x104
RFH3
18, 5 A, 250 VAC, 105°C, EN61810-1
2x104
RFH3
10 A, 400 VAC, 105°C, EN61810-1
1.5x105
Coil data
Rated coil voltage DC coil
5...60 VDC
Coil power DC coil
typ. 400 mW
Operative range
2
Coil insulation system according UL1446
Class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.5
0.5
62+10%
403
006
6
4.2
0.6
90+10%
400
009
9
6.3
0.9
203+10%
399
012
12
8.4
1.2
360+
+10%
400
024
24
16.8
2.4
1440+
+10%
400
048
48
33.6
4.8
5520+10%
417
060
60
42.0
6.0
8570+10%
420
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - RFH34012WG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFH30N12 ETC-RFH30N12 Datasheet
432Kb / 8P
   POWER MOS FIELD EFFECT TRANSISTORS
RFH30N15 ETC-RFH30N15 Datasheet
432Kb / 8P
   POWER MOS FIELD EFFECT TRANSISTORS
RFH35N08 ETC1-RFH35N08 Datasheet
217Kb / 4P
   POWER MOS FIELD - EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
RFH35N08 NJSEMI-RFH35N08 Datasheet
86Kb / 2P
   Power MOS Field-Effect Transistors
logo
List of Unclassifed Man...
RFH35N10 ETC1-RFH35N10 Datasheet
217Kb / 4P
   POWER MOS FIELD - EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
More results

Similar Description - RFH34012WG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
   Power Relay
logo
CUI INC
PR19 CUI-PR19 Datasheet
446Kb / 5P
   POWER RELAY
08/09/2022
PR5 CUI-PR5 Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
logo
CUI Devices
PR13 CUID-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com