Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM233024 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RM233024
Description  Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM233024 Datasheet(HTML) 4 Page - Tyco Electronics

  RM233024 Datasheet HTML 1Page - Tyco Electronics RM233024 Datasheet HTML 2Page - Tyco Electronics RM233024 Datasheet HTML 3Page - Tyco Electronics RM233024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Datasheet
Rev. GB1
Issued 2007/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
4
Power Relay RM 2/3/7 (Continued)
Product key
Contacts
Version
Enclosure
Coil
Coil
Part number
RM202024
2 CO contacts
without
plain cover
DC-coil
24 VDC
8-1393149-2
RM202524
16 A
test button
quick c. 4.8 mm
AC-coil
24 VAC
1-1393146-9
RM202615
115 VAC
2-1393146-0
RM202730
230 VAC
1-1393148-4
RM203024
mounting brackets
DC-coil
24 VDC
1-1393148-6
RM203524
quick c. 4.8 mm
AC-coil
24 VAC
2-1393146-5
RM203615
115 VAC
2-1393146-6
RM203730
230 VAC
2-1393146-8
RM205024
mounting brackets
DC-coil
24 VDC
2-1393146-9
RM205524
quick c. 6.3 mm
AC-coil
24 VAC
3-1393146-0
RM205615
115 VAC
3-1393146-1
RM205730
230 VAC
3-1393146-2
RM207024
PCB version
DC-coil
24 VDC
3-1393146-3
RM207615
AC-coil
115 VAC
8-1393149-5
RM207730
230 VAC
3-1393146-4
RM208024
DIN-snap-on
DC-coil
24 VDC
3-1393146-5
RM208730
horizontal
AC-coil
230 VAC
8-1393149-6
RM209730
DIN vertical
230 VAC
3-1393146-6
RM232024
with
plain cover
DC-coil
24 VDC
3-1393146-8
RM232524
test button
quick c. 4.8 mm
AC-coil
24 VAC
3-1393146-9
RM232615
115 VAC
4-1393146-0
RM232730
230 VAC
3-1393107-4
RM233024
mounting brackets
DC-coil
24 VDC
3-1393107-5
RM233615
quick c. 4.8 mm
AC-coil
115 VAC
4-1393146-2
RM235024
mounting brackets
DC-coil
24 VDC
8-1393149-8
RM235730
quick c. 6.3 mm
AC-coil
230 VAC
4-1393146-5
RM239730
DIN vertical
230 VAC
4-1393148-7
RM302024
3 CO contacts
without
plain cover
DC-coil
24 VDC
8-1393149-9
RM302524
10 A
test button
quick c. 4.8 mm
AC-coil
24 VAC
5-1393146-3
RM302615
115 VAC
5-1393146-4
RM302730
230 VAC
5-1419150-3
RM303024
mounting brackets
DC-coil
24 VDC
6-1393148-4
RM303615
quick c. 4.8 mm
AC-coil
115 VAC
5-1393146-5
RM303730
230 VAC
5-1393146-7
RM307024
PCB version
DC-coil
24 VDC
7-1393148-2
RM307730
AC-coil
230 VAC
5-1393146-9
RM332024
with
plain cover
DC-coil
24 VDC
9-1393149-2
RM332524
test button
quick c. 4.8 mm
AC-coil
24 VAC
9-1393149-3
RM332730
230 VAC
9-1393149-4
RM333024
mount. br. q.c.4.8
DC-coil
24 VDC
9-1393149-6
RM335730
mount. br. q.c.6.3
AC-coil
230 VAC
6-1393107-1
RM338730
DIN horizontal
230 VAC
7-1393148-7
RM339730
DIN vertical
230 VAC
6-1393107-2
RM702024
3 CO contacts
without
plain cover
DC-coil
24 VDC
8-1393146-5
RM702524
16 A
test button
quick c. 4.8 mm
AC-coil
24 VAC
0-1393844-9
RM702615
115 VAC
1-1393844-0
RM702730
230 VAC
1-1393844-1
RM703024
mounting brackets
DC-coil
24 VDC
1-1393844-2
RM703524
quick c. 4.8 mm
AC-coil
24 VAC
9-1393146-1
RM703615
115 VAC
9-1393146-2
RM703730
230 VAC
9-1393146-4
RM705024
mounting brackets
DC-coil
24 VDC
9-1393146-6
RM705524
quick c. 6.3 mm
AC-coil
24 VAC
9-1393146-7
RM705615
115 VAC
1-1393844-4
RM705730
230 VAC
1-1393844-5
RM707024
PCB version
DC-coil
24 VDC
9-1393146-8
RM707524
AC-coil
24 VAC
0-1393147-1
RM707730
230 VAC
0-1393147-2
RM708024
DIN horizontal
DC-coil
24 VDC
0-1393147-4
RM708730
quick c. 6.3 mm
AC-coil
230 VAC
1-1419136-0
RM709024
DIN vertical
DC-coil
24 VDC
2-1393149-2
RM709730
AC-coil
230 VAC
0-1393147-5
RM732024
with
plain cover
DC-coil
24 VDC
1-1393844-7
RM732524
test button
quick c. 4.8 mm
AC-coil
24 VAC
1-1393147-0
RM732615
115 VAC
1-1393147-1
RM732730
230 VAC
1-1393844-8
RM733730
mount.br. q.c. 4.8
230 VAC
1-1393147-5
RM735024
mounting brackets
DC-coil
24 VDC
3-1393149-6
RM735524
quick c. 6.3 mm
AC-coil
24 VAC
3-1393149-7
RM735730
230 VAC
4-1393149-1
RM737730
PCB version
230 VAC
2-1393147-0
RM738024
DIN-snap-on
DC-coil
24 VDC
2-1393844-0
RM738730
horizontal
AC-coil
230 VAC
2-1393147-2
RM739024
DIN-snap-on
DC-coil
24 VDC
4-1393149-5
RM739730
vertical
AC-coil
230 VAC
2-1393844-2


Similar Part No. - RM233024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM233024 MACOM-RM233024 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
RM233024 MACOM-RM233024 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
More results

Similar Description - RM233024

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
   Power Relay
logo
CUI INC
PR19 CUI-PR19 Datasheet
446Kb / 5P
   POWER RELAY
08/09/2022
PR5 CUI-PR5 Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
logo
CUI Devices
PR13 CUID-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com