Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM335730 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RM335730
Description  Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM335730 Datasheet(HTML) 3 Page - Tyco Electronics

  RM335730 Datasheet HTML 1Page - Tyco Electronics RM335730 Datasheet HTML 2Page - Tyco Electronics RM335730 Datasheet HTML 3Page - Tyco Electronics RM335730 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
Rev. GB1
Issued 2007/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Power Relay RM 2/3/7 (Continued)
Product key
RM
Type
Contact configuration
2
2 CO contacts, 16 A
7
3 CO contacts, 16 A
3
3 CO contacts, 10 A
Version
0
AgCdO, without test button
3
AgCdO, with test button
Enclosure
2
plain cover, 4.8 mm quick connect terminals
3
cover with mounting brackets, 4.8 mm quick connect terminals
5
cover with mounting brackets, 6.3 mm quick connect terminals
7
PCB version
8
cover with DIN-snap-on attachment, horizontal, 6.3 mm quick connect terminals
9
cover with DIN-snap-on attachment, vertical, 6.3 mm quick connect terminals
Coil
Coil code: please refer to coil versions table, preferred types in bold print
Dimensions
Plain cover, plug-in version
PCB version
Cover with mounting brackets, 6.3 mm quick connect (4.8 mm available)
Cover with DIN-snap-on attachement (6.3 mm quick connect only)
horizontal
vertical
S0298-BC
S0298-BE
S0298-BB
S0298-BA
S0298-BD
Accessories
For details see datasheet
Accessories Power Relay RM


Similar Part No. - RM335730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM335730 MACOM-RM335730 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
RM335730 MACOM-RM335730 Datasheet
487Kb / 4P
   Power Relay RM 2/3/7
More results

Similar Description - RM335730

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
   Power Relay
logo
CUI INC
PR19 CUI-PR19 Datasheet
446Kb / 5P
   POWER RELAY
08/09/2022
PR5 CUI-PR5 Datasheet
448Kb / 4P
   POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
logo
CUI Devices
PR13 CUID-PR13 Datasheet
445Kb / 5P
   POWER RELAY
08/15/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com