Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTD14015 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RTD14015
Description  Power PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTD14015 Datasheet(HTML) 3 Page - Tyco Electronics

  RTD14015 Datasheet HTML 1Page - Tyco Electronics RTD14015 Datasheet HTML 2Page - Tyco Electronics RTD14015 Datasheet HTML 3Page - Tyco Electronics RTD14015 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose Relays
3
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay RT1 (Continued)
Product key
RT
Type
Version
1
1
12
2 A
A,, p
piin
nn
niin
ng
g 3
3..5
5 m
mm
m,, ffllu
ux
x p
prro
oo
off
B
12 A, pinning 3.5 mm, wash tight
2
12 A, pinning 5 mm, flux proof *)
3
1
16
6 A
A,, p
piin
nn
niin
ng
g 5
5 m
mm
m,, ffllu
ux
x p
prro
oo
off
D
16 A, pinning 5 mm, wash tight
Contact configuration
1
1 CO contact
3
1 NO contact
Contact material
4
AgNi 90/10
5
AgNi 90/10 gold plated (for type RT31.)
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Preferred types in bold print
*) Wash tight version on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
12 A, pinning 3.5 mm
1 CO contact
1 NO contact
12 A, pinning 5 mm
1 CO contact
1 NO contact
16 A, pinning 5 mm
1 CO contact
1 NO contact
S0418-CB
S0418-CN
S0418-CA
S0163-BE
S0163-BC
S0163-BG
S0163-BH
S0163-BD
S0163-BF
S0272-BB
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.


Similar Part No. - RTD14015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RTD14015 MACOM-RTD14015 Datasheet
243Kb / 4P
   Power PCB Relay RT1
More results

Similar Description - RTD14015

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com