Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0826J5050A00 Datasheet(PDF) 4 Page - Anaren Microwave

Part # B0826J5050A00
Description  Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0826J5050A00 Datasheet(HTML) 4 Page - Anaren Microwave

  B0826J5050A00 Datasheet HTML 1Page - Anaren Microwave B0826J5050A00 Datasheet HTML 2Page - Anaren Microwave B0826J5050A00 Datasheet HTML 3Page - Anaren Microwave B0826J5050A00 Datasheet HTML 4Page - Anaren Microwave B0826J5050A00 Datasheet HTML 5Page - Anaren Microwave B0826J5050A00 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model BD2326L50200A00
Rev C
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased
footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique
dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
No Bias Footprint
.012
[0.31]
2X .006
[0.16]
6X .013
[0.34]
6X .011
[0.29]
6X .002
[0.05]
3X Transmission
Line
Plated thru
holes to
ground
Part Orientation (Top View)
0603 Standaard Mounting Footprint
Dimensions are in Inches [Millimeters]
Circuit Pattern
Footprint Pad (s)
Solder Resist
DC Bias Footprint
0603 DC Bias Mounting Footprint
Dimensions are in Inches [Millimeters]
Circuit Pattern
Footprint Pad (s)
Solder Resist
.012
[0.31]
6X .011
[0.29]
6X .002
[0.05]
3X Transmission
Line
Plated thru
holes to
ground
Part Orientation (Top View)
DC Bias
6X .013
[0.34]
2X .006
[0.16]


Similar Part No. - B0826J5050A00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B0820-2R5225 ETC2-B0820-2R5225 Datasheet
59Kb / 2P
   Aerogel Capacitors
logo
Cooper Bussmann, Inc.
B0820-2R5225-R COOPER-B0820-2R5225-R Datasheet
250Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
B0820-2R5225-R EATON-B0820-2R5225-R Datasheet
364Kb / 3P
   Cylindrical cells
logo
DB Lectro Inc
B0822BA1 DBLECTRO-B0822BA1 Datasheet
212Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm STRAIGHT
B0822BB1 DBLECTRO-B0822BB1 Datasheet
212Kb / 1P
   FEMALE HEADER PROFILE : 8.5mm STRAIGHT
More results

Similar Description - B0826J5050A00

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD3150L50200A00 ANAREN-BD3150L50200A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD4859L50200A00 ANAREN-BD4859L50200A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 200廓 Balanced
BD2326L50150A00 ANAREN-BD2326L50150A00 Datasheet
231Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
BD3150L50100A00 ANAREN-BD3150L50100A00 Datasheet
234Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L50100A00 ANAREN-BD4859L50100A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L50150A00 ANAREN-BD4859L50150A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 150廓 Balanced
B4859A53 ANAREN-B4859A53 Datasheet
218Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 100廓 Balanced
BD4859L5075A00 ANAREN-BD4859L5075A00 Datasheet
233Kb / 6P
   Ultra Small Low Profile 0603 Balun 50廓 to 75廓 Balanced
logo
Yantel Corporation
BD1200U520-1305 YANTEL-BD1200U520-1305 Datasheet
433Kb / 3P
   Ultra Low Profile 1305 Balun 50廓 to 200廓 Balanced
logo
Anaren Microwave
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com