Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7951SDBTR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7951SDBTR
Description  12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7951SDBTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7951SDBTR Datasheet HTML 4Page - Texas Instruments ADS7951SDBTR Datasheet HTML 5Page - Texas Instruments ADS7951SDBTR Datasheet HTML 6Page - Texas Instruments ADS7951SDBTR Datasheet HTML 7Page - Texas Instruments ADS7951SDBTR Datasheet HTML 8Page - Texas Instruments ADS7951SDBTR Datasheet HTML 9Page - Texas Instruments ADS7951SDBTR Datasheet HTML 10Page - Texas Instruments ADS7951SDBTR Datasheet HTML 11Page - Texas Instruments ADS7951SDBTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
TIMING REQUIREMENTS (see Figure 43, Figure 44, Figure 45, and Figure 46)
ADS7950, ADS7951, ADS7952, ADS7953
ADS7954, ADS7955, ADS7956, ADS7957
ADS7958, ADS7959, ADS7960, ADS7961
SLAS605 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS, ADS7958/59/60/61 (continued)
+VA = 2.7 V to 5.25 V, +VBD = 1.7 V to 5.25 V, TA = -40°C to 125°C, fsample = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ALARM SETTING
Higher threshold range
000
FF
Hex
Lower threshold range
000
FF
Hex
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
0.7*(+VBD)
VIL
+VBD = 5 V
0.8
Logic level
VIL
+VBD = 3 V
0.4
V
VOH
At Isource = 200 µA
Vdd-0.2
VOL
At Isink = 200 µA
0.4
Data format
MSB First
POWER SUPPLY REQUIREMENTS
+VA supply voltage
2.7
3.3
5.25
V
+VBD supply voltage
1.7
3.3
5.25
V
At +VA = 2.7 to 3.6 V and 1MHz throughput
1.8
mA
At +VA = 2.7 to 3.6 V static state
1.05
mA
Supply current (normal mode)
At +VA = 4.7 to 5.25 V and 1 MHz throughput
2.3
3
mA
At +VA = 4.7 to 5.25 V static state
1.1
1.5
mA
Power-down state supply current
1
µA
+VBD supply current
+VA = 5.25V, fs = 1MHz
1
mA
Power-up time
1
µSec
Invalid conversions after power up or
1 Numbers
reset
TEMPERATURE RANGE
Specified performance
–40
125
°C
All specifications typical at –40°C to 125°C, +VA = 2.7 V to 5.25 V (unless otherwise specified)
PARAMETER
TEST CONDITIONS(1)(2)
MIN
TYP
MAX
UNIT
+VBD = 1.8 V
16
tconv
Conversion time
+VBD = 3 V
16
SCLK
+VBD = 5 V
16
+VBD = 1.8 V
40
Minimum quiet sampling time needed from bus
tq
+VBD = 3 V
40
ns
3-state to start of next conversion
+VBD = 5 V
40
+VBD = 1.8 V
38
td1
Delay time, CS low to first data (DO–15) out
+VBD = 3 V
27
ns
+VBD = 5 V
17
+VBD = 1.8 V
8
tsu1
Setup time, CS low to first rising edge of SCLK
+VBD = 3 V
6
ns
+VBD = 5 V
4
+VBD = 1.8 V
35
td2
Delay time, SCLK falling to SDO next data bit valid
+VBD = 3 V
27
ns
+VBD = 5 V
17
(1)
1.8V specifications apply from 1.7V to 1.9V, 3V specifications apply from 2.7V to 3.6V, 5V specifications apply from 4.75V to 5.25V.
(2)
With 50-pF load
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958,
ADS7959, ADS7960, ADS7961


Similar Part No. - ADS7951SDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7951SDBTR TI1-ADS7951SDBTR Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7951SDBTR TI1-ADS7951SDBTR Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7951SDBTR TI1-ADS7951SDBTR Datasheet
2Mb / 70P
[Old version datasheet]   Single-Ended, MicroPower, Serial Interface ADCs
ADS7951SDBTRG4 TI1-ADS7951SDBTRG4 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7951SDBTRG4 TI1-ADS7951SDBTRG4 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Similar Description - ADS7951SDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com