Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7951SDBTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7951SDBTR
Description  12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7951SDBTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7951SDBTR Datasheet HTML 5Page - Texas Instruments ADS7951SDBTR Datasheet HTML 6Page - Texas Instruments ADS7951SDBTR Datasheet HTML 7Page - Texas Instruments ADS7951SDBTR Datasheet HTML 8Page - Texas Instruments ADS7951SDBTR Datasheet HTML 9Page - Texas Instruments ADS7951SDBTR Datasheet HTML 10Page - Texas Instruments ADS7951SDBTR Datasheet HTML 11Page - Texas Instruments ADS7951SDBTR Datasheet HTML 12Page - Texas Instruments ADS7951SDBTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DEVICE INFORMATION
PIN CONFIGURATION (TOP VIEW)
1
30
2
3
4
5
6
7
8
9
10
11
12
13
14
15
29
28
27
26
25
24
23
22
21
20
19
18
17
16
ADS7950
ADS7954
ADS7958
GPIO2
GPIO3
REFM
REFP
+VA
AGND
MXO
AINP
AINM
AGND
NC
CH3
NC
CH2
NC
GPIO1
GPIO0
+VBD
BDGND
SDO
SDI
SCLK
CS
AGND
+VA
CH0
NC
CH1
NC
NC
1
30
2
3
4
5
6
7
8
9
10
11
12
13
14
15
29
28
27
26
25
24
23
22
21
20
19
18
17
16
ADS7951
ADS7955
ADS7959
GPIO2
GPIO3
REFM
REFP
+VA
AGND
MXO
AINP
AINM
AGND
CH7
CH6
CH5
CH4
NC
GPIO1
GPIO0
+VBD
BDGND
SDO
SDI
SCLK
CS
AGND
+VA
CH0
CH1
CH2
CH3
NC
ADS7950, ADS7951, ADS7952, ADS7953
ADS7954, ADS7955, ADS7956, ADS7957
ADS7958, ADS7959, ADS7960, ADS7961
www.ti.com ...................................................................................................................................................................................................... SLAS605 – JUNE 2008
TIMING REQUIREMENTS (see Figure 43, Figure 44, Figure 45, and Figure 46) (continued)
All specifications typical at –40°C to 125°C, +VA = 2.7 V to 5.25 V (unless otherwise specified)
PARAMETER
TEST CONDITIONS(1)(2)
MIN
TYP
MAX
UNIT
+VBD = 1.8 V
7
th1
Hold time, SCLK falling to SDO data bit valid
+VBD = 3 V
5
ns
+VBD = 5 V
3
+VBD = 1.8 V
26
td3
Delay time, 16th SCLK falling edge to SDO 3-state
+VBD = 3 V
22
ns
+VBD = 5 V
13
+VBD = 1.8 V
2
tsu2
Setup time, SDI valid to rising edge of SCLK
+VBD = 3 V
3
ns
+VBD = 5 V
4
+VBD = 1.8 V
12
th2
Hold time, rising edge of SCLK to SDI valid
+VBD = 3 V
10
ns
+VBD = 5 V
6
+VBD = 1.8 V
20
tw1
Pulse duration CS high
+VBD = 3 V
20
ns
+VBD = 5 V
20
+VBD = 1.8 V
24
td4
Delay time CS high to SDO 3-state
+VBD = 3 V
21
ns
+VBD = 5 V
12
+VBD = 1.8 V
20
twh
Pulse duration SCLK high
+VBD = 3 V
20
ns
+VBD = 5 V
20
+VBD = 1.8 V
20
twl
Pulse duration SCLK low
+VBD = 3 V
20
ns
+VBD = 5 V
20
+VBD = 1.8 V
20
Frequency SCLK
+VBD = 3 V
20
MHz
+VBD = 5 V
20
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7950, ADS7951, ADS7952, ADS7953 ADS7954, ADS7955, ADS7956, ADS7957 ADS7958,
ADS7959, ADS7960, ADS7961


Similar Part No. - ADS7951SDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7951SDBTR TI1-ADS7951SDBTR Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7951SDBTR TI1-ADS7951SDBTR Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7951SDBTR TI1-ADS7951SDBTR Datasheet
2Mb / 70P
[Old version datasheet]   Single-Ended, MicroPower, Serial Interface ADCs
ADS7951SDBTRG4 TI1-ADS7951SDBTRG4 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7951SDBTRG4 TI1-ADS7951SDBTRG4 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Similar Description - ADS7951SDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com