Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C316162VC Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V54C316162VC
Description  200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C316162VC Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V54C316162VC Datasheet HTML 6Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 7Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 8Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 9Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 10Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 11Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 12Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 13Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 14Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
V54C316162VC Rev. 1.4 December 2001
MOSEL VITELIC
V54C316162VC
AC Characteristics
(1,2,3)
TA =0 to 70°C; VSS =0V; VCC =3.3 V ± 0.3 V, tT =1 ns
#
Symbol Parameter
Limit Values
Unit
-5
-55
-6
-7
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Clock and Clock Enable
tCK
Clock Cycle Time
CAS Latency = 3
CAS Latency = 2
5
10
5.5
10
6
10
7
10
ns
ns
tCK
Clock Frequency
CAS Latency = 3
CAS Latency = 2
200
100
183
100
166
100
143
100
MHz
MHz
tAC
Access Time from Clock
CAS Latency = 3
CAS Latency = 2
5
7
5.3
7
5.5
7
5.5
7
ns
ns
2
3
tCH
Clock High Pulse Width
2.5
2.5
2.5
2.5
ns
tCL
Clock Low Pulse Width
2.5
2.5
2.5
2.5
ns
tT
Transition time
1
10110
1
10110
ns
Setup and Hold Times
tCMDS
Command Setup Time
2
2
2
2
ns
4
tAS
Address Setup Time
2
2
2
2
ns
4
tDS
Data In Setup Time
2
2
2
2
ns
4
tCKS
CKE Setup Time
2
2
2
2
ns
4
tCMDH
Command Hold Time
1
1
1
1
ns
4
tAH
Address Hold Time
1
1
1
1
ns
4
tDH
Data In Hold Time
1
1
1
1
ns
4
tCKH
CKE Hold Time
1
1
1
1
ns
4
Common Parameters
tRCD
Row to Column Delay Time
15
16.5
18
18
ns
5
tRAS
Row Active Time
40
100K45
100K48
100K48
100K
ns
5
tRC
Row Cycle Time
60
63
66
70
ns
5
tRP
Row Precharge Time
15
17
18
21
ns
5
tRRD
Activate(a) to Activate(b) Com-
mand
period
10
11
12
14
ns
5
tCCD
CAS(a) to CAS(b) Command pe-
riod
1
1
1
1
CLK
tRCS
Mode Register Set-up time
10
11
12
14
ns
tSB
Power Down Mode Entry Time
050
5.5
0607
ns
tCDL
Last data in to new column ad-
dress delay
5
5.5
6
7
ns


Similar Part No. - V54C316162VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-5 MOSEL-V54C316162V-5 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-55 MOSEL-V54C316162V-55 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-6 MOSEL-V54C316162V-6 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-7 MOSEL-V54C316162V-7 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
More results

Similar Description - V54C316162VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C333322V MOSEL-V54C333322V Datasheet
124Kb / 21P
   200/183/166 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 1M X 32 SDRAM 2 BANKS X 512Kbit X 32
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
   200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com