Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2100E-20S Datasheet(PDF) 10 Page - Anaren Microwave

Part # XC2100E-20S
Description  20 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2100E-20S Datasheet(HTML) 10 Page - Anaren Microwave

Back Button XC2100E-20S Datasheet HTML 6Page - Anaren Microwave XC2100E-20S Datasheet HTML 7Page - Anaren Microwave XC2100E-20S Datasheet HTML 8Page - Anaren Microwave XC2100E-20S Datasheet HTML 9Page - Anaren Microwave XC2100E-20S Datasheet HTML 10Page - Anaren Microwave XC2100E-20S Datasheet HTML 11Page - Anaren Microwave XC2100E-20S Datasheet HTML 12Page - Anaren Microwave XC2100E-20S Datasheet HTML 13Page - Anaren Microwave XC2100E-20S Datasheet HTML 14Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XC2100A-20
Rev D
Peak Power Handling
High-Pot testing of these couplers during the qualification procedure resulted in a minimum breakdown voltage of
1.7KV (minimum recorded value). This voltage level corresponds to a breakdown resistance capable of handling at
least 12dB peaks over average power levels, for very short durations. The breakdown location consistently occurred
across the air interface at the coupler contact pads (see illustration below). The breakdown levels at these points will
be affected by any contamination in the gap area around these pads. These areas must be kept clean for optimum
performance. It is recommended that the user test for voltage breakdown under the maximum operating conditions
and over worst case modulation induced power peaking. This evaluation should also include extreme environmental
conditions (such as high humidity).
Orientation Marker
A printed circular feature appears on the top surface of the coupler to designate Pin 1. This orientation marker is not
intended to limit the use of the symmetry that these couplers exhibit but rather to facilitate consistent placement of
these parts into the tape and reel package. This ensures that the components are always delivered with the same
orientation. Refer to the table on page 2 of the data sheet for allowable pin configurations.
Test Plan
Xinger II couplers are manufactured in large panels and then separated. A sample population of parts is RF small
signal tested at room temperature in the fixture described above. All parts are DC tested for shorts/opens. (See
“Qualification Flow Chart” section for details on the accelerated life test procedures.)


Similar Part No. - XC2100E-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC2100E-20S ANAREN-XC2100E-20S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
More results

Similar Description - XC2100E-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com