Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC3500E-20S Datasheet(PDF) 6 Page - Anaren Microwave

Part # XC3500E-20S
Description  20 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC3500E-20S Datasheet(HTML) 6 Page - Anaren Microwave

Back Button XC3500E-20S Datasheet HTML 2Page - Anaren Microwave XC3500E-20S Datasheet HTML 3Page - Anaren Microwave XC3500E-20S Datasheet HTML 4Page - Anaren Microwave XC3500E-20S Datasheet HTML 5Page - Anaren Microwave XC3500E-20S Datasheet HTML 6Page - Anaren Microwave XC3500E-20S Datasheet HTML 7Page - Anaren Microwave XC3500E-20S Datasheet HTML 8Page - Anaren Microwave XC3500E-20S Datasheet HTML 9Page - Anaren Microwave XC3500E-20S Datasheet HTML 10Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XC2100A-20
Rev D
Definition of Measured Specifications
Parameter
Definition
Mathematical Representation
VSWR
(Voltage Standing Wave Ratio)
The impedance match of
the coupler to a 50
Ω
system. A VSWR of 1:1 is
optimal.
VSWR =
min
max
V
V
Vmax = voltage maxima of a standing wave
Vmin = voltage minima of a standing wave
Return Loss
The impedance match of
the coupler to a 50
Ω
system. Return Loss is
an alternate means to
express VSWR.
Return Loss (dB)= 20log
1
-
VSWR
1
VSWR
+
Mean Coupling
At a given frequency (
ωn),
coupling is the input
power divided by the
power at the coupled
port. Mean coupling is
the average value of the
coupling values in the
band. N is the number of
frequencies in the band.
Coupling (dB) =
=
)
(
)
(
log
10
)
(
n
cpl
n
in
n
P
P
C
ω
ω
ω
Mean Coupling (dB) =
N
C
N
n
n
=1
)
(
ω
Insertion Loss
The input power divided
by the sum of the power
at the two output ports.
10log
direct
cpl
in
P
P
P
+
Transmission Loss
The input power divided
by the power at the direct
port.
10log
direct
in
P
P
Directivity
The power at the
coupled port divided by
the power at the isolated
port.
10log
iso
cpl
P
P
Frequency Sensitivity
The decibel difference
between the maximum in
band coupling value and
the mean coupling, and
the decibel difference
between the minimum in
band coupling value and
the mean coupling.
Max Coupling (dB) – Mean Coupling (dB)
and
Min Coupling (dB) – Mean Coupling (dB)


Similar Part No. - XC3500E-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC3500E-20S ANAREN-XC3500E-20S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
More results

Similar Description - XC3500E-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com