Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB8NA50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB8NA50
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB8NA50 Datasheet(HTML) 2 Page - STMicroelectronics

  STB8NA50 Datasheet HTML 1Page - STMicroelectronics STB8NA50 Datasheet HTML 2Page - STMicroelectronics STB8NA50 Datasheet HTML 3Page - STMicroelectronics STB8NA50 Datasheet HTML 4Page - STMicroelectronics STB8NA50 Datasheet HTML 5Page - STMicroelectronics STB8NA50 Datasheet HTML 6Page - STMicroelectronics STB8NA50 Datasheet HTML 7Page - STMicroelectronics STB8NA50 Datasheet HTML 8Page - STMicroelectronics STB8NA50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
THERMAL DATA
Rthj-ca se
Rthj-amb
R thc-sin k
Tl
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead T emperature For Soldering Purpose
1
62.5
0.5
300
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Valu e
Unit
IAR
Avalanche Current, Repet itive or Not-Repetitive
(pulse width limited by Tj max,
δ <1%)
8A
EAS
Single Pulse Avalanche Energy
(st arting Tj =25
oC, ID =IAR,VDD =50 V)
350
mJ
EAR
Repetitive Avalanche Energy
(pulse width limited by Tj max,
δ <1%)
11
mJ
IAR
Avalanche Current, Repet itive or Not-Repetitive
(Tc =100
oC, pulse width limited by T
j max ,
δ <1%)
5.3
A
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250
µAVGS =0
500
V
IDSS
Zero G ate Volt age
Drain Current (VGS =0)
VDS = Max Rating
VDS = Max Rating x 0.8
Tc =125
oC
250
1000
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID = 250
µA
2.25
3
3.75
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V
ID =4 A
VGS =10V
ID =4 A
Tc =100
oC
0. 7
0.85
1.7
ID(on )
On Stat e Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
8A
DYNAMIC
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
gfs (
∗)Forward
Transconductance
VDS >ID(on) xRDS(on)max
ID =4 A
4.5
6. 5
S
Cis s
Coss
Crss
Input Capacit ance
Out put Capacitance
Reverse T ransf er
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
1200
190
55
1600
250
75
pF
pF
pF
STB8NA50
2/10


Similar Part No. - STB8NA50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB8N65M5 STMICROELECTRONICS-STB8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
logo
Inchange Semiconductor ...
STB8N65M5 ISC-STB8N65M5 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
logo
Inchange Semiconductor ...
STB8N90K5 ISC-STB8N90K5 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-5
logo
STMicroelectronics
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
More results

Similar Description - STB8NA50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NA40 STMICROELECTRONICS-STD4NA40 Datasheet
169Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STE40NA60 STMICROELECTRONICS-STE40NA60 Datasheet
46Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA40 STMICROELECTRONICS-STP4NA40 Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA60 STMICROELECTRONICS-STP4NA60 Datasheet
203Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB3NA60-1 STMICROELECTRONICS-STB3NA60-1 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP4NA90 STMICROELECTRONICS-STP4NA90 Datasheet
236Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP6NA60 STMICROELECTRONICS-STP6NA60 Datasheet
206Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STU10NA50 STMICROELECTRONICS-STU10NA50 Datasheet
73Kb / 5P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STP6NA80 NJSEMI-STP6NA80 Datasheet
153Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STH7NA80FI NJSEMI-STH7NA80FI Datasheet
154Kb / 3P
   N- CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com