Electronic Components Datasheet Search |
|
XC3500L-30S Datasheet(PDF) 11 Page - Anaren Microwave |
|
XC3500L-30S Datasheet(HTML) 11 Page - Anaren Microwave |
11 / 22 page Available on Tape and Reel for Pick and Place Manufacturing. USA/Canada: Toll Free: Europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 Model XC2100A-20 Rev D Power Handling The average power handling (total input power) of a Xinger coupler is a function of: • Internal circuit temperature. • Unit mounting interface temperature. • Unit thermal resistance • Power dissipated within the unit. All thermal calculations are based on the following assumptions: • The unit has reached a steady state operating condition. • Maximum mounting interface temperature is 95 oC. • Conduction Heat Transfer through the mounting interface. • No Convection Heat Transfer. • No Radiation Heat Transfer. • The material properties are constant over the operating temperature range. Finite element simulations are made for each unit. The simulation results are used to calculate the unit thermal resistance. The finite element simulation requires the following inputs: • Unit material stack-up. • Material properties. • Circuit geometry. • Mounting interface temperature. • Thermal load (dissipated power). The classical definition for dissipated power is temperature delta ( ΔT) divided by thermal resistance (R). The dissipated power (Pdis) can also be calculated as a function of the total input power (Pin) and the thermal insertion loss (ILtherm): ) ( 10 1 10 W P R T P therm IL in dis ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − ⋅ = Δ = − (1) Power flow and nomenclature for an “H” style coupler is shown in Figure 1. |
Similar Part No. - XC3500L-30S |
|
Similar Description - XC3500L-30S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |