Selected language     English  ▼


2N2222A Datasheet(PDF) 5 Page - STMicroelectronics

Part No. 2N2222A
Description  HIGH SPEED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
5.3
0.208
E4.9
0.193
F
5.8
0.228
G
2.54
0.100
H1.2
0.047
I
1.16
0.045
L45
o
45
o
L
G
I
D
A
H
C
TO-18 MECHANICAL DATA
0016043
2N2219A / 2N2222A
5/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
ALD4211_05CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES 1 2 3 4 5 MoreAdvanced Linear Devices
ISL55110_0712Dual High Speed MOSFET Driver 1 2 3 4 5 MoreIntersil Corporation
PS9601_01HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER 1 2 3 4 5 MoreNEC
FTP-628MCL0532” HIGH SPEED THERMAL PRINTER 1 2 3 4 5 MoreFujitsu Component Limited.
K6E1004C1B256Kx4 Bit with OE High Speed Static RAM 5V Operating Evolutionary Pin out 1 2 3 4 5 MoreSamsung semiconductor
ZTX310NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS 1 2 3 4 List of Unclassifed Manufacturers
TSHF5410High Speed Infrared Emitting Diode in T-1 3/4 Package 1 2 3 4 5 MoreVishay Siliconix
M9532032 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock 1 2 3 4 5 MoreSTMicroelectronics
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl