Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G74DCURE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC1G74DCURE4
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G74DCURE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUC1G74DCURE4 Datasheet HTML 2Page - Texas Instruments SN74AUC1G74DCURE4 Datasheet HTML 3Page - Texas Instruments SN74AUC1G74DCURE4 Datasheet HTML 4Page - Texas Instruments SN74AUC1G74DCURE4 Datasheet HTML 5Page - Texas Instruments SN74AUC1G74DCURE4 Datasheet HTML 6Page - Texas Instruments SN74AUC1G74DCURE4 Datasheet HTML 7Page - Texas Instruments SN74AUC1G74DCURE4 Datasheet HTML 8Page - Texas Instruments SN74AUC1G74DCURE4 Datasheet HTML 9Page - Texas Instruments SN74AUC1G74DCURE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC/2
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
Input
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH − V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
VCC/2
0.8 V
1.2 V
± 0.1 V
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2 k
2 k
2 k
2 k
2 k
1 k
500
VCC
RL
0.1 V
0.1 V
0.1 V
0.15 V
0.15 V
0.15 V
0.15 V
V
CL
15 pF
15 pF
15 pF
15 pF
15 pF
30 pF
30 pF
SN74AUC1G74
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
SCES537D – DECEMBER 2003 – REVISED JUNE 2007
Figure 1. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback


Similar Part No. - SN74AUC1G74DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G74DCURE4 TI-SN74AUC1G74DCURE4 Datasheet
605Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74DCURE4 TI-SN74AUC1G74DCURE4 Datasheet
266Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74DCURE4 TI-SN74AUC1G74DCURE4 Datasheet
736Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74AUC1G74DCURE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
April 2004
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com