Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BULT106D Datasheet(PDF) 2 Page - STMicroelectronics

Part # BULT106D
Description  SMALL SIGNAL PNP TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULT106D Datasheet(HTML) 2 Page - STMicroelectronics

  BULT106D Datasheet HTML 1Page - STMicroelectronics BULT106D Datasheet HTML 2Page - STMicroelectronics BULT106D Datasheet HTML 3Page - STMicroelectronics BULT106D Datasheet HTML 4Page - STMicroelectronics BULT106D Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-amb
Rthj-Case
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Case
Max
150
50
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -200 V
VCB = -200 V
TC = 150
oC
VCB = -300 V
-10
-10
-100
nA
µA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -5 V
-50
nA
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -10 mA
-300
V
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = -10
µA
-300
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = -100
µA
-5
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -30 mA
IB = -5 mA
-0.6
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = -30 mA
IB = -5 mA
-1.2
V
hFE
DC Current Gain
IC = -25 mA
VCE = -20 V
50
fT
Transition Frequency
IC = -10 mA VCE = -10 V f =100MHz
60
MHz
CRE
Reverse Capacitance
IE = 0
VCB = -30 V f = 1MHz
1.6
pF
∗ Pulsed: Pulse duration ≤ 300 µs, duty cycle ≤ 2 %
BF421
2/5


Similar Part No. - BULT106D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BULT116D STMICROELECTRONICS-BULT116D Datasheet
209Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULT118 STMICROELECTRONICS-BULT118 Datasheet
74Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
BULT118 STMICROELECTRONICS-BULT118 Datasheet
234Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULT118 STMICROELECTRONICS-BULT118 Datasheet
245Kb / 10P
   High voltage fast-switching NPN power transistor
BULT118D STMICROELECTRONICS-BULT118D Datasheet
87Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - BULT106D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
   Small Signal Transistor (PNP)
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
   SMALL-SIGNAL PNP TRANSISTOR
logo
Vaishali Semiconductor
MMBT2907A VAISH-MMBT2907A Datasheet
47Kb / 3P
   Small Signal Transistor (PNP)
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Vishay Siliconix
2N4126 VISHAY-2N4126 Datasheet
159Kb / 4P
   Small Signal Transistor (PNP)
07-May-02
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
   PNP SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com