Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD31C Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJD31C
Description  Low voltage NPN power transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD31C Datasheet(HTML) 1 Page - STMicroelectronics

  MJD31C Datasheet HTML 1Page - STMicroelectronics MJD31C Datasheet HTML 2Page - STMicroelectronics MJD31C Datasheet HTML 3Page - STMicroelectronics MJD31C Datasheet HTML 4Page - STMicroelectronics MJD31C Datasheet HTML 5Page - STMicroelectronics MJD31C Datasheet HTML 6Page - STMicroelectronics MJD31C Datasheet HTML 7Page - STMicroelectronics MJD31C Datasheet HTML 8Page - STMicroelectronics MJD31C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2007
Rev 1
1/9
9
Order codes
Part Number
Marking
Package
Packaging
MJD31CT4-A
MJD31C
DPAK
Tape & reel
MJD31CT4-A
Low voltage NPN power transistor
General features
This device is qualified for automotive
application
Surface-mounting TO-252 power package in
tape & reel
In compliance with the 2002/93/EC European
Directive
Applications
General purpose switching and amplifier
transistor
Description
The device is manufactured in Planar technology
with “Base Island” layout. The resulting transistor
shows
exceptional
high
gain
performance
coupled with very low saturation voltage.
Internal schematic diagram
DPAK
TO-252
1
3
www.st.com


Similar Part No. - MJD31C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD31C ONSEMI-MJD31C Datasheet
150Kb / 6P
   SILICON POWER TRANSISTORS
1998
logo
SeCoS Halbleitertechnol...
MJD31C SECOS-MJD31C Datasheet
78Kb / 1P
   3A , 100V NPN Plastic Encapsulated Transistor
logo
STMicroelectronics
MJD31C STMICROELECTRONICS-MJD31C Datasheet
65Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Tiger Electronic Co.,Lt...
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
   Complementary Silicon Power Ttransistors
logo
Fairchild Semiconductor
MJD31C FAIRCHILD-MJD31C Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications
More results

Similar Description - MJD31C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJB44H11T4 STMICROELECTRONICS-MJB44H11T4 Datasheet
412Kb / 11P
   Low voltage NPN power transistor
May 2014 Rev 2
ST600K STMICROELECTRONICS-ST600K Datasheet
56Kb / 7P
   LOW VOLTAGE NPN POWER TRANSISTOR
July 2005 Rev 1
MJD31CT4 STMICROELECTRONICS-MJD31CT4 Datasheet
243Kb / 9P
   Low voltage NPN power transistor
2STBN15D100 STMICROELECTRONICS-2STBN15D100 Datasheet
109Kb / 7P
   Low voltage NPN power Darlington transistor
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
September 2003
MJB44H11T4-A STMICROELECTRONICS-MJB44H11T4-A Datasheet
412Kb / 11P
   Automotive-grade low voltage NPN power transistor
May 2014 Rev 1
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
   Low voltage fast-switching NPN power transistor
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
   Low voltage fast-switching NPN power transistor
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
   Low voltage fast-switching NPN power transistor
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
   Low voltage fast-switching NPN power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com