Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C03DE220HV Datasheet(PDF) 5 Page - STMicroelectronics

Part # C03DE220HV
Description  Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C03DE220HV Datasheet(HTML) 5 Page - STMicroelectronics

  C03DE220HV Datasheet HTML 1Page - STMicroelectronics C03DE220HV Datasheet HTML 2Page - STMicroelectronics C03DE220HV Datasheet HTML 3Page - STMicroelectronics C03DE220HV Datasheet HTML 4Page - STMicroelectronics C03DE220HV Datasheet HTML 5Page - STMicroelectronics C03DE220HV Datasheet HTML 6Page - STMicroelectronics C03DE220HV Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STC03DE220HV
Package mechanical data
5/7
DIM.
mm.
MIN.
TYP
MAX.
A4.855.15
A1
2.20
2.50
2.60
A2
1.27
b
0.95
1.10
1.30
b1
1.10
1.50
b22.50
2.90
c0.40
0.80
D23.85
24
24.15
D1
21.50
E
15.45
15.60
15.75
e
2.54
e1
5.08
L
10.20
10.80
L1
2.20
2.50
2.80
L2
18.50
L33
øP
3.55
3.65
S
5.50
TO247-4L HV mechanical data
7734874_A


Similar Part No. - C03DE220HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
C03DE220HV STMICROELECTRONICS-C03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
More results

Similar Description - C03DE220HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
STC03DE170 STMICROELECTRONICS-STC03DE170 Datasheet
329Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
STI50DE100 STMICROELECTRONICS-STI50DE100 Datasheet
311Kb / 11P
   Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com