Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF19NC60HD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGF19NC60HD
Description  19 A - 600 V - very fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF19NC60HD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGF19NC60HD Datasheet HTML 4Page - STMicroelectronics STGF19NC60HD Datasheet HTML 5Page - STMicroelectronics STGF19NC60HD Datasheet HTML 6Page - STMicroelectronics STGF19NC60HD Datasheet HTML 7Page - STMicroelectronics STGF19NC60HD Datasheet HTML 8Page - STMicroelectronics STGF19NC60HD Datasheet HTML 9Page - STMicroelectronics STGF19NC60HD Datasheet HTML 10Page - STMicroelectronics STGF19NC60HD Datasheet HTML 11Page - STMicroelectronics STGF19NC60HD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STGB/F/P/W19NC60HD
8/18
Figure 8.
Normalized gate threshold voltage
vs temperature
Figure 9.
Collector-emitter on voltage vs
collector current
Figure 10.
Normalized breakdown voltage vs
temperature
Figure 11.
Switching losses vs temperature
Figure 12.
Switching losses vs gate resistance Figure 13.
Switching losses vs collector
current


Similar Part No. - STGF19NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
276Kb / 14P
   N-channel 600V - 9A - TO-220FP Very fast PowerMESH TM IGBT
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGF19NC60HD STMICROELECTRONICS-STGF19NC60HD Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
More results

Similar Description - STGF19NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGB19NC60HD_0810 STMICROELECTRONICS-STGB19NC60HD_0810 Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com