Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD7NB120S-1_0008 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGD7NB120S-1_0008
Description  N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NB120S-1_0008 Datasheet(HTML) 5 Page - STMicroelectronics

  STGD7NB120S-1_0008 Datasheet HTML 1Page - STMicroelectronics STGD7NB120S-1_0008 Datasheet HTML 2Page - STMicroelectronics STGD7NB120S-1_0008 Datasheet HTML 3Page - STMicroelectronics STGD7NB120S-1_0008 Datasheet HTML 4Page - STMicroelectronics STGD7NB120S-1_0008 Datasheet HTML 5Page - STMicroelectronics STGD7NB120S-1_0008 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
STGD7NB120S-1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
H
D
L
L2
L1
TO-251 (IPAK) MECHANICAL DATA
0068771-E


Similar Part No. - STGD7NB120S-1_0008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB120S-1 STMICROELECTRONICS-STGD7NB120S-1 Datasheet
43Kb / 6P
   N-CHANNEL 7A - 1200V IPAK Power MESH IGBT
More results

Similar Description - STGD7NB120S-1_0008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB60H-1 STMICROELECTRONICS-STGD7NB60H-1 Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
STGP7NB120SD STMICROELECTRONICS-STGP7NB120SD Datasheet
244Kb / 8P
   N-CHANNEL 7A - 1200V - TO-220 PowerMESH??IGBT
STGD7NB120S-1 STMICROELECTRONICS-STGD7NB120S-1 Datasheet
43Kb / 6P
   N-CHANNEL 7A - 1200V IPAK Power MESH IGBT
STGD5NB120SZ STMICROELECTRONICS-STGD5NB120SZ Datasheet
350Kb / 13P
   N-CHANNEL 5A -1200V DPAK/IPAK INTERNALLY CLAMPED PowerMESH IGBT
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
   N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH??MOSFET
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
logo
List of Unclassifed Man...
9858 ETC-9858 Datasheet
258Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
logo
STMicroelectronics
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com