Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF8NC60KD Datasheet(PDF) 1 Page - STMicroelectronics

Part # GF8NC60KD
Description  600 V - 8 A - short circuit rugged IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF8NC60KD Datasheet(HTML) 1 Page - STMicroelectronics

  GF8NC60KD Datasheet HTML 1Page - STMicroelectronics GF8NC60KD Datasheet HTML 2Page - STMicroelectronics GF8NC60KD Datasheet HTML 3Page - STMicroelectronics GF8NC60KD Datasheet HTML 4Page - STMicroelectronics GF8NC60KD Datasheet HTML 5Page - STMicroelectronics GF8NC60KD Datasheet HTML 6Page - STMicroelectronics GF8NC60KD Datasheet HTML 7Page - STMicroelectronics GF8NC60KD Datasheet HTML 8Page - STMicroelectronics GF8NC60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2008
Rev 2
1/18
18
STGB8NC60KD - STGD8NC60KD
STGF8NC60KD - STGP8NC60KD
600 V - 8 A - short circuit rugged IGBT
Features
Lower on voltage drop (VCE(sat))
Lower CRES / CIES ratio (no cross-conduction
susceptibility)
Very soft ultra fast recovery antiparallel diode
Short circuit withstand time 10 µs
Applications
High frequency motor controls
SMPS and PFC in both hard switch and
resonant topologies
Motor drivers
Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.
Figure 1.
Internal schematic diagram
TO-220
D²PAK
1
2
3
1
3
2
1
3
2
DPAK
1
2
3
TO-220FP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGB8NC60KDT4
GB8NC60KD
D²PAK
Tape and reel
STGD8NC60KDT4
GD8NC60KD
DPAK
Tape and reel
STGF8NC60KD
GF8NC60KD
TO-220FP
Tube
STGP8NC60KD
GP8NC60KD
TO-220
Tube
www.st.com


Similar Part No. - GF8NC60KD

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GF8 EUROQUARTZ-GF8 Datasheet
203Kb / 1P
   8 pin Dual-in-Line
logo
Mercury United Electron...
GF8 MERCURY-GF8 Datasheet
105Kb / 1P
   Dip type CMOS output
logo
Cooper Bussmann, Inc.
GF800 COOPER-GF800 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
GF800 COOPER-GF800 Datasheet
152Kb / 3P
   GF BS88 Centre bolted tags
logo
Shenzhen Luguang Electr...
GF805 LUGUANG-GF805 Datasheet
176Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - GF8NC60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
   20 A - 600 V - short circuit rugged IGBT
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
   14 A - 600 V - short-circuit rugged IGBT
August 2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
   10 A, 600 V short-circuit rugged IGBT
Rev 7 June 2017
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD_09 Datasheet
613Kb / 20P
   10 A, 600 V short-circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_08 Datasheet
455Kb / 16P
   14 A - 600 V - short circuit rugged IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com