Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP19NC60W Datasheet(PDF) 11 Page - STMicroelectronics

Part # GP19NC60W
Description  N-channel 600V - 19A - TO-220 Ultra fast PowerMESH IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP19NC60W Datasheet(HTML) 11 Page - STMicroelectronics

Back Button GP19NC60W Datasheet HTML 5Page - STMicroelectronics GP19NC60W Datasheet HTML 6Page - STMicroelectronics GP19NC60W Datasheet HTML 7Page - STMicroelectronics GP19NC60W Datasheet HTML 8Page - STMicroelectronics GP19NC60W Datasheet HTML 9Page - STMicroelectronics GP19NC60W Datasheet HTML 10Page - STMicroelectronics GP19NC60W Datasheet HTML 11Page - STMicroelectronics GP19NC60W Datasheet HTML 12Page - STMicroelectronics GP19NC60W Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STGP19NC60W
Package mechanical data
11/13
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.49
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116


Similar Part No. - GP19NC60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GP19NC60H STMICROELECTRONICS-GP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
GP19NC60HD STMICROELECTRONICS-GP19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
GP19NC60K STMICROELECTRONICS-GP19NC60K Datasheet
524Kb / 15P
   20 A - 600 V - short circuit rugged IGBT
GP19NC60KD STMICROELECTRONICS-GP19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
GP19NC60S STMICROELECTRONICS-GP19NC60S Datasheet
289Kb / 14P
   N-channel 600V - 20A - TO-220 Medium frequency PowerMESH IGBT
More results

Similar Description - GP19NC60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW19NC60WD STMICROELECTRONICS-STGW19NC60WD Datasheet
312Kb / 15P
   N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH??IGBT
STGF19NC60WD STMICROELECTRONICS-STGF19NC60WD Datasheet
315Kb / 14P
   N-channel 600V - 7A - TO-220 Ultra fast PowerMESH IGBT
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
   N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH??IGBT
November 2005 Rev 1
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
   N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
   N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
   N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
STGP12NB60HD STMICROELECTRONICS-STGP12NB60HD Datasheet
409Kb / 9P
   N-CHANNEL 12A - 600V TO-220 PowerMESH??IGBT
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STGP20NB60H STMICROELECTRONICS-STGP20NB60H Datasheet
86Kb / 8P
   N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com