Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW33IH120D Datasheet(PDF) 9 Page - STMicroelectronics

Part # GW33IH120D
Description  30 A - 1200 V - very fast IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW33IH120D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button GW33IH120D Datasheet HTML 5Page - STMicroelectronics GW33IH120D Datasheet HTML 6Page - STMicroelectronics GW33IH120D Datasheet HTML 7Page - STMicroelectronics GW33IH120D Datasheet HTML 8Page - STMicroelectronics GW33IH120D Datasheet HTML 9Page - STMicroelectronics GW33IH120D Datasheet HTML 10Page - STMicroelectronics GW33IH120D Datasheet HTML 11Page - STMicroelectronics GW33IH120D Datasheet HTML 12Page - STMicroelectronics GW33IH120D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STGW33IH120D
Electrical characteristics
9/14
Figure 14. Thermal impedance
Figure 15. Turn-off SOA
Figure 16.
Emitter-collector diode
characteristics
0.1
1
10
IC(A)
1
10
100
1000
HV42690
VCE(V)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
T =150°C
(typical values)
j


Similar Part No. - GW33IH120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GW30N120KD STMICROELECTRONICS-GW30N120KD Datasheet
359Kb / 13P
   30 A - 1200 V - short circuit rugged IGBT
GW30N90D STMICROELECTRONICS-GW30N90D Datasheet
159Kb / 10P
   N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
109Kb / 9P
   N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
295Kb / 13P
   N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
305Kb / 13P
   N-channel 1200V - 30A - TO-247 very fast PowerMESH IGBT
More results

Similar Description - GW33IH120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
   30 A - 1200 V - very fast IGBT
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
   7 A, 1200 V very fast IGBT
June 2012
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
   35 A - 1200 V - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
   7 A, 1200 V very fast IGBT with ultrafast diode
January 2011 Rev 4
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGW38IH130D STMICROELECTRONICS-STGW38IH130D Datasheet
822Kb / 17P
   33 A - 1300 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com