Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW35NC120HD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGW35NC120HD
Description  35 A - 1200 V - very fast IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NC120HD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGW35NC120HD Datasheet HTML 4Page - STMicroelectronics STGW35NC120HD Datasheet HTML 5Page - STMicroelectronics STGW35NC120HD Datasheet HTML 6Page - STMicroelectronics STGW35NC120HD Datasheet HTML 7Page - STMicroelectronics STGW35NC120HD Datasheet HTML 8Page - STMicroelectronics STGW35NC120HD Datasheet HTML 9Page - STMicroelectronics STGW35NC120HD Datasheet HTML 10Page - STMicroelectronics STGW35NC120HD Datasheet HTML 11Page - STMicroelectronics STGW35NC120HD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical characteristics
STGW35NC120HD
8/13
Figure 14. Thermal Impedance
Figure 15. Turn-off SOA
Figure 16. Forward voltage drop vs.
forward current
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
(A)
FM
V
(V)
FM
T =25˚C
(maximum values)
j
T =150˚C
(maximum values)
j
T =150˚C
(typical values)
j


Similar Part No. - STGW35NC120HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
More results

Similar Description - STGW35NC120HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
   30 A - 1200 V - very fast IGBT
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
   7 A, 1200 V very fast IGBT
June 2012
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
   30 A - 1200 V - very fast IGBT
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
   7 A, 1200 V very fast IGBT with ultrafast diode
January 2011 Rev 4
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGW38IH130D STMICROELECTRONICS-STGW38IH130D Datasheet
822Kb / 17P
   33 A - 1300 V - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com