Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDAV330E1 Datasheet(PDF) 1 Page - NICHIA CORPORATION

Part # NDAV330E1
Description  LD Slot Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NDAV330E1 Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NDAV330E1 Datasheet HTML 1Page - NICHIA CORPORATION NDAV330E1 Datasheet HTML 2Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Guide( UTZ-SC0037_2 )
-1-
LD Slot Module
NDAV330E1
Engineering Sample
Outline
LD Slot Module generates up to 3.0W by bundling 20 fibers coupled laser diodes. Slimly designed for
compactness as well as easy replacement. This Module is expected for use as light source of the exposure
devices / medical devices / biological detectors, etc.
Features
• Long life
• Low electric power consumption
• Easy operation
• Compact
• High flexibility for designing light source(Custom output power/ arrangement are available.)
Specifications
• Optical output power:
3.0W
• Wavelength:
400 ~ 410nm
• Bundle-fiber:
Outside diameter 650um (SI=114 /125, NA=0.2)
• LD drive current:
Max. 350mA/pc (7.0A /slot)
• Power supply:
DC9V (8A)
• Cooling conditions:
Coolants - 100% Distilled water
Water temperature (Tc) - 20
± 5 °C
Flow rate - 1 liter / min
Connection - 4 (inner diameter) x 6 (outer diameter) mm Nylon tube
• Dimensions:
28 (W) x 354 (D) x 224 (H) mm
• Weights:
1.4kg
Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Ratings
Unit
Optical Output Power
Po
3.2
W
Storage Temperature
Tstg
-10 ~ 60
°C
Circumference temperature
Ta
23
± 5
°C
Humidity *
-
70
%RH
* No condensation
Initial Electrical/Optical Characteristics
(Tc=20
°C, Po=3.0W)
Item
Symbol
Min
Typ.
Max
Unit
Optical Output Power
Po
-
-
3.0
W
Peak Wavelength
λ
400
-
410
nm
1piece
250
350
mA/pc
Operating
Current
Slot
5.0
7.0
A/slot
All figures in this specification are measured by Nichia's method and may contain measurement deviations.
This model is Engineering Sample for evaluation or design purpose only.
Life time is not guaranteed.
The above specifications are for reference purpose only and subjected to change without prior notice.
NICHIA CORPORATION
http://www.nichia.co.jp
HEAD OFFICE: P.O.BOX 6 ANAN, TOKUSHIMA-KEN 774-8601, JAPAN
PHONE: +81-884-22-2311
FAX: +81-884-21-0148
CONTACT
TOKYO SALES DEPARTMENT OPTOELECTRONICS PRODUCTS DIV.: 13F TAMACHI CENTER BUILDING, 34-7,
SHIBA 5-CHOME, MINATO-KU, TOKYO 108-0014, JAPAN
PHONE: +81-3-3456-3108
FAX: +81-3-5440-7330


Similar Part No. - NDAV330E1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDAV521E1 NICHIA-NDAV521E1 Datasheet
360Kb / 2P
   LD Slot Module
More results

Similar Description - NDAV330E1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NUU102E NICHIA-NUU102E_16 Datasheet
109Kb / 2P
   LD Slot Module
NUV101E NICHIA-NUV101E Datasheet
244Kb / 2P
   LD Slot Module
NUV101E NICHIA-NUV101E_16 Datasheet
105Kb / 2P
   LD Slot Module
NUV102E NICHIA-NUV102E_16 Datasheet
113Kb / 2P
   LD Slot Module
NDAV521E1 NICHIA-NDAV521E1 Datasheet
360Kb / 2P
   LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
206Kb / 2P
   LD Slot Module
NUV103E NICHIA-NUV103E Datasheet
89Kb / 2P
   LD Slot Module
NUV203E NICHIA-NUV203E Datasheet
373Kb / 2P
   LD Receptacle Module
NUU102E NICHIA-NUU102E Datasheet
271Kb / 2P
   LD Slot Module (Ultra Violet Laser Type)
logo
NEC
OD-S559 NEC-OD-S559 Datasheet
251Kb / 3P
   1310nm DFB-LD Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com