Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NECG426BT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NECG426BT
Description  TYPE GREEN LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NECG426BT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NECG426BT Datasheet HTML 2Page - NICHIA CORPORATION NECG426BT Datasheet HTML 3Page - NICHIA CORPORATION NECG426BT Datasheet HTML 4Page - NICHIA CORPORATION NECG426BT Datasheet HTML 5Page - NICHIA CORPORATION NECG426BT Datasheet HTML 6Page - NICHIA CORPORATION NECG426BT Datasheet HTML 7Page - NICHIA CORPORATION NECG426BT Datasheet HTML 8Page - NICHIA CORPORATION NECG426BT Datasheet HTML 9Page - NICHIA CORPORATION NECG426BT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
1.0
1.8
1.8
4.6
Nichia
STSE-CC2036B-2
<Cat.No.061031>
(4) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Hand Soldering
Pre-heat
Pre-heat time
Peak temperature
Soldering time
Condition
120
~ 150°C
120 seconds Max.
240°C Max.
10 seconds Max.
refer to Temperature- profile.
Temperature
Soldering time
300°C Max.
3 seconds Max.
(one time only)
Although the recommended soldering conditions are specified in the above table, reflow or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
[Recommended soldering pad design]
Use the following conditions shown in the figure.
Use the following conditions shown in the figure.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than one time.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
120sec.Max.
Pre-heating
240°C Max.
10sec. Max.
60sec.Max.
Above 200°C
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
(Unit : mm)


Similar Part No. - NECG426BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NECGB205T NICHIA-NECGB205T Datasheet
423Kb / 13P
   TYPE GREEN LED
More results

Similar Description - NECG426BT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSG017HT NICHIA-NHSG017HT Datasheet
295Kb / 13P
   TYPE GREEN LED
NECGB205T NICHIA-NECGB205T Datasheet
423Kb / 13P
   TYPE GREEN LED
NJSG107T NICHIA-NJSG107T Datasheet
599Kb / 17P
   TYPE GREEN LED
NESG021T NICHIA-NESG021T Datasheet
476Kb / 13P
   TYPE GREEN LED
NESG426CT NICHIA-NESG426CT Datasheet
363Kb / 13P
   TYPE GREEN LED
NESG505CT NICHIA-NESG505CT Datasheet
551Kb / 13P
   TYPE GREEN LED
NHSG046T NICHIA-NHSG046T Datasheet
622Kb / 13P
   TYPE GREEN LED
NS6G083T NICHIA-NS6G083T Datasheet
385Kb / 14P
   TYPE GREEN LED
NSCG455AT NICHIA-NSCG455AT Datasheet
335Kb / 13P
   TYPE GREEN LED
NESG064T NICHIA-NESG064T Datasheet
385Kb / 13P
   TYPE GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com