Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESB426CT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NESB426CT
Description  TYPE BLUE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESB426CT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NESB426CT Datasheet HTML 1Page - NICHIA CORPORATION NESB426CT Datasheet HTML 2Page - NICHIA CORPORATION NESB426CT Datasheet HTML 3Page - NICHIA CORPORATION NESB426CT Datasheet HTML 4Page - NICHIA CORPORATION NESB426CT Datasheet HTML 5Page - NICHIA CORPORATION NESB426CT Datasheet HTML 6Page - NICHIA CORPORATION NESB426CT Datasheet HTML 7Page - NICHIA CORPORATION NESB426CT Datasheet HTML 8Page - NICHIA CORPORATION NESB426CT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CC5155A
<Cat.No.051031>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
15
mA
Pulse Forward Current
IFP
50
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
60
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=10[mA]
(3.6)
4.0
V
Reverse Current
IR
VR= 5[V]
-
50
µA
Luminous Intensity
Iv
IF=10[mA]
(86)
-
mcd
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank S
Iv
IF=10[mA]
98
140
mcd
Rank R
Iv
IF=10[mA]
70
98
mcd
Luminous Intensity
Rank Q
Iv
IF=10[mA]
48
70
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Rank
(IF=10mA,Ta=25°C)
Rank W
x
0.139
0.129
0.113
0.134
0.145
0.152
y
0.035
0.050
0.080
0.105
0.072
0.056
Color Coordinates Measurement allowance is ± 0.01.
One delivery will include up to one color rank and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
<
=
<
=


Similar Part No. - NESB426CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESB007AT NICHIA-NESB007AT Datasheet
600Kb / 13P
   TYPE BLUE LED
NESB008AT NICHIA-NESB008AT Datasheet
686Kb / 13P
   TYPE BLUE LED
NESB017T NICHIA-NESB017T Datasheet
465Kb / 13P
   TYPE BLUE LED
NESB021T NICHIA-NESB021T Datasheet
477Kb / 13P
   TYPE BLUE LED
NESB064AT-NA NICHIA-NESB064AT-NA Datasheet
279Kb / 18P
   LED
More results

Similar Description - NESB426CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJSB036LT NICHIA-NJSB036LT Datasheet
590Kb / 16P
   TYPE BLUE LED
NS6B083T NICHIA-NS6B083T Datasheet
388Kb / 14P
   TYPE BLUE LED
NESB008AT NICHIA-NESB008AT Datasheet
686Kb / 13P
   TYPE BLUE LED
NESB505CT NICHIA-NESB505CT Datasheet
528Kb / 13P
   TYPE BLUE LED
NHSB046AT NICHIA-NHSB046AT Datasheet
571Kb / 13P
   TYPE BLUE LED
NHSB046T NICHIA-NHSB046T Datasheet
667Kb / 13P
   TYPE BLUE LED
NESB007AT NICHIA-NESB007AT Datasheet
600Kb / 13P
   TYPE BLUE LED
NJSB107T NICHIA-NJSB107T Datasheet
601Kb / 17P
   TYPE BLUE LED
NSCB455AT NICHIA-NSCB455AT Datasheet
320Kb / 13P
   TYPE BLUE LED
NECBB205T NICHIA-NECBB205T Datasheet
407Kb / 13P
   TYPE BLUE LED
NESB064T NICHIA-NESB064T Datasheet
470Kb / 13P
   TYPE BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com