Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSM026ABT Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSSM026ABT
Description  TYPE FULL COLOR LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM026ABT Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSSM026ABT Datasheet HTML 1Page - NICHIA CORPORATION NSSM026ABT Datasheet HTML 2Page - NICHIA CORPORATION NSSM026ABT Datasheet HTML 3Page - NICHIA CORPORATION NSSM026ABT Datasheet HTML 4Page - NICHIA CORPORATION NSSM026ABT Datasheet HTML 5Page - NICHIA CORPORATION NSSM026ABT Datasheet HTML 6Page - NICHIA CORPORATION NSSM026ABT Datasheet HTML 7Page - NICHIA CORPORATION NSSM026ABT Datasheet HTML 8Page - NICHIA CORPORATION NSSM026ABT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
-4-
Nichia
STSE-CM6094A
<Cat.No.060804>
7.CAUTIONS
(1) Moisture Proof Package
· When moisture is absorbed into the SMT package it may vaporize and expand during soldering.
There is a possibility that this can cause exfoliation of the contacts and damage to the optical
characteristics of the LEDs.
For this reason, the moisture proof package is used to keep moisture
to a minimum in the package.
· The moisture proof package is made of an aluminum moisture proof bag.
A package of
a moisture absorbent material (silica gel) is inserted into the aluminum moisture proof bag.
The silica gel changes its color from blue to pink as it absorbs moisture.
(2) Storage
· Storage Conditions
Before opening the package :
The LEDs should be kept at 30°C or less and 90%RH or less. The LEDs should be used within a
year.
When storing the LEDs, moisture proof packaging with absorbent material (silica gel)
is recommended.
After opening the package :
The LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs should be soldered
within 168 hours (7days) after opening the package.
If unused LEDs remain, they should be
stored in moisture proof packages, such as sealed containers with packages of moisture absorbent
material (silica gel).
It is also recommended to return the LEDs to the original moisture proof bag
and to reseal the moisture proof bag again.
· If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage
time, baking treatment should be performed using the following conditions.
Baking treatment : more than 24 hours at 65 ± 5°C
· Nichia LED electrodes are silver plated copper alloy.
The silver surface may be affected by
environments which contain corrosive substances. Please avoid conditions which may cause the LED
to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering
operations. It is recommended that the User use the LEDs as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
(3) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED placement
on the board, as well as other components. It is necessary to avoid intense heat generation and operate
within the maximum ratings given in this specification.
· During operation of the LEDs the total power dissipation of the diode elements (red, green, and blue)
within the LEDs must not exceed the maximum power dissipation.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.


Similar Part No. - NSSM026ABT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSM025AT NICHIA-NSSM025AT Datasheet
275Kb / 13P
   TYPE FULL COLOR LED
More results

Similar Description - NSSM026ABT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSM016DT NICHIA-NSSM016DT Datasheet
435Kb / 13P
   TYPE FULL COLOR LED
NSSM025AT NICHIA-NSSM025AT Datasheet
275Kb / 13P
   TYPE FULL COLOR LED
NSSM038AT NICHIA-NSSM038AT Datasheet
435Kb / 13P
   TYPE FULL COLOR LED
logo
Elite Enterprises (H.K....
EL-5RGB252 ELITE-EL-5RGB252 Datasheet
92Kb / 1P
   Full Color TYPE LED
logo
NICHIA CORPORATION
NSSM065T NICHIA-NSSM065T Datasheet
528Kb / 13P
   TYPE FULL COLOR LED
logo
Lucky Light Electronic
GB-3128RGB LUCKY-LIGHT-GB-3128RGB Datasheet
46Kb / 1P
   SMD LED FULL COLOR TYPE
logo
Elite Enterprises (H.K....
EL-5RGB62 ELITE-EL-5RGB62 Datasheet
142Kb / 1P
   PCB Full Color TYPE LED
logo
Visual Communications C...
VAOS-5050RGB VCC-VAOS-5050RGB Datasheet
659Kb / 9P
   Full Color PLCC6 Type SMD LED
VAOL-S2223RGB VCC-VAOL-S2223RGB Datasheet
1,002Kb / 10P
   Full Color PCB Type SMD LED
VAOL-S19337RGB VCC-VAOL-S19337RGB Datasheet
1Mb / 11P
   Full Color PCB Type SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com