Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESE021T Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NESE021T
Description  BLUISH-GREEN LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESE021T Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NESE021T Datasheet HTML 5Page - NICHIA CORPORATION NESE021T Datasheet HTML 6Page - NICHIA CORPORATION NESE021T Datasheet HTML 7Page - NICHIA CORPORATION NESE021T Datasheet HTML 8Page - NICHIA CORPORATION NESE021T Datasheet HTML 9Page - NICHIA CORPORATION NESE021T Datasheet HTML 10Page - NICHIA CORPORATION NESE021T Datasheet HTML 11Page - NICHIA CORPORATION NESE021T Datasheet HTML 12Page - NICHIA CORPORATION NESE021T Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Ta=25°C
IFP=10mA
1mA(513nm)
5mA(508nm)
10mA(506nm)
50mA(500nm)
Directivity
Radiation Angle
10° 20°
30°
40°
50°
60°
70°
80°
90°
1.0
0.5
0
Spectrum
Forward Current vs.
Chromaticity diagram D)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
xx
Wavelength
λ (nm)
020
60 80 100
40
-60
-20
-40
15
10 20
100
50
0
0.05 0.10 0.15 0.20 0.25
0.70
0.65
0.60
0.55
0.50
0.45
520
510
505
490
515
500
495
350 400 450 500
600 650
550
1.2
1.0
0.8
0.4
0.2
0
0.6
520
515
510
505
490
500
495
Ta=25°C
Ta=25°C
Ta=25°C
IF=10mA
IFP=10mA
30°
0.5
90°
60°
1.0
Model
NESE021
NICHIA CORPORATION Title
No.
050108536381
CHARACTERISTICS


Similar Part No. - NESE021T

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NES-100 MEANWELL-NES-100 Datasheet
382Kb / 2P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
NES-100-12 MEANWELL-NES-100-12 Datasheet
382Kb / 2P
   100W Single Output Switching Power Supply
NES-100-12 MEANWELL-NES-100-12 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
NES-100-15 MEANWELL-NES-100-15 Datasheet
382Kb / 2P
   100W Single Output Switching Power Supply
More results

Similar Description - NESE021T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPE800S NICHIA-NSPE800S Datasheet
259Kb / 15P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC4B-G3-3BD LUCKY-LIGHT-LL-304BGC4B-G3-3BD Datasheet
133Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3B LUCKY-LIGHT-LL-484BGC1C-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3B LUCKY-LIGHT-LL-304BGC2L-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3F LUCKY-LIGHT-LL-484BGC1C-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
logo
NICHIA CORPORATION
NCSE219BT-V1 NICHIA-NCSE219BT-V1 Datasheet
282Kb / 19P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC2L-G3-1B LUCKY-LIGHT-LL-304BGC2L-G3-1B Datasheet
140Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3F LUCKY-LIGHT-LL-304BGC2L-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
logo
NICHIA CORPORATION
NJSE036AT NICHIA-NJSE036AT Datasheet
612Kb / 15P
   BLUISH-GREEN LED
NSPE590S NICHIA-NSPE590S Datasheet
305Kb / 15P
   BLUISH-GREEN LED
NEPE510AS NICHIA-NEPE510AS Datasheet
285Kb / 15P
   BLUISH-GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com