Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG021T Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NESG021T
Description  TYPE GREEN LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESG021T Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NESG021T Datasheet HTML 3Page - NICHIA CORPORATION NESG021T Datasheet HTML 4Page - NICHIA CORPORATION NESG021T Datasheet HTML 5Page - NICHIA CORPORATION NESG021T Datasheet HTML 6Page - NICHIA CORPORATION NESG021T Datasheet HTML 7Page - NICHIA CORPORATION NESG021T Datasheet HTML 8Page - NICHIA CORPORATION NESG021T Datasheet HTML 9Page - NICHIA CORPORATION NESG021T Datasheet HTML 10Page - NICHIA CORPORATION NESG021T Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
-6-
Nichia
STSE-CC5107A-1
<Cat.No.061115>
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(6) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded.
It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the forward voltage becomes lower,
or the LEDs do not light at the low current.
Criteria : (VF > 2.0V
at
IF=0.5mA)
(7) Others
· NESG021 complies with RoHS Directive.
· The LED light output is strong enough to injure human eyes.
Precautions must be taken to prevent
looking directly at the LEDs with unaided eyes for more than a few seconds.
· Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use.
Also, people should be cautious when using equipment that has had LEDs
incorporated into it.
· The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such
as office equipment, communications equipment, measurement instruments and household appliances).
Consult Nichia’s sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly
jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor
control systems, automobiles, traffic control equipment, life support systems and safety devices).
· User shall not reverse engineer by disassembling or analysis of the LEDs without having prior written
consent from Nichia.
When defective LEDs are found, the User shall inform Nichia directly before
disassembling or analysis.
· The formal specifications must be exchanged and signed by both parties before large volume purchase begins.
· The appearance and specifications of the product may be modified for improvement without notice.


Similar Part No. - NESG021T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESG007AT NICHIA-NESG007AT Datasheet
560Kb / 13P
   GREEN LED
NESG064T NICHIA-NESG064T Datasheet
385Kb / 13P
   TYPE GREEN LED
NESG064T NICHIA-NESG064T_14 Datasheet
337Kb / 17P
   SPECIFICATIONS FOR GREEN LED
More results

Similar Description - NESG021T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSG017HT NICHIA-NHSG017HT Datasheet
295Kb / 13P
   TYPE GREEN LED
NECGB205T NICHIA-NECGB205T Datasheet
423Kb / 13P
   TYPE GREEN LED
NJSG107T NICHIA-NJSG107T Datasheet
599Kb / 17P
   TYPE GREEN LED
NECG426BT NICHIA-NECG426BT Datasheet
250Kb / 13P
   TYPE GREEN LED
NESG426CT NICHIA-NESG426CT Datasheet
363Kb / 13P
   TYPE GREEN LED
NESG505CT NICHIA-NESG505CT Datasheet
551Kb / 13P
   TYPE GREEN LED
NHSG046T NICHIA-NHSG046T Datasheet
622Kb / 13P
   TYPE GREEN LED
NS6G083T NICHIA-NS6G083T Datasheet
385Kb / 14P
   TYPE GREEN LED
NSCG455AT NICHIA-NSCG455AT Datasheet
335Kb / 13P
   TYPE GREEN LED
NESG064T NICHIA-NESG064T Datasheet
385Kb / 13P
   TYPE GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com