Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG505CT Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NESG505CT
Description  TYPE GREEN LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESG505CT Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NESG505CT Datasheet HTML 5Page - NICHIA CORPORATION NESG505CT Datasheet HTML 6Page - NICHIA CORPORATION NESG505CT Datasheet HTML 7Page - NICHIA CORPORATION NESG505CT Datasheet HTML 8Page - NICHIA CORPORATION NESG505CT Datasheet HTML 9Page - NICHIA CORPORATION NESG505CT Datasheet HTML 10Page - NICHIA CORPORATION NESG505CT Datasheet HTML 11Page - NICHIA CORPORATION NESG505CT Datasheet HTML 12Page - NICHIA CORPORATION NESG505CT Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
5.0
4.6
4.2
3.4
3.0
2.6
3.8
2.5
3.0
3.5
4.0
4.5
5.0
3.5
3.0
2.5
1.5
1.0
0.5
0
2.0
100
50
15
10
20
100
50
20
10
5
1
0
102030
50
60
40
IFP=10mA
25
20
15
0
5
10
020
60 80 100
40
-60
-20
-40
020
60 80 100
40
-60
-20
-40
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
1
5
10 20
100
50
60
80
100
40
020
2.0
1.0
0.5
0.2
Ta=25°C
Ta=25°C
Ta=25°C
IFP=10mA
CHARACTERISTICS
Model
NESG505C
NICHIA CORPORATION Title
No.
050610539441


Similar Part No. - NESG505CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESG007AT NICHIA-NESG007AT Datasheet
560Kb / 13P
   GREEN LED
NESG021T NICHIA-NESG021T Datasheet
476Kb / 13P
   TYPE GREEN LED
NESG064T NICHIA-NESG064T Datasheet
385Kb / 13P
   TYPE GREEN LED
NESG064T NICHIA-NESG064T_14 Datasheet
337Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NESG146AT NICHIA-NESG146AT Datasheet
276Kb / 17P
   GREEN LED
More results

Similar Description - NESG505CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSG017HT NICHIA-NHSG017HT Datasheet
295Kb / 13P
   TYPE GREEN LED
NECGB205T NICHIA-NECGB205T Datasheet
423Kb / 13P
   TYPE GREEN LED
NJSG107T NICHIA-NJSG107T Datasheet
599Kb / 17P
   TYPE GREEN LED
NECG426BT NICHIA-NECG426BT Datasheet
250Kb / 13P
   TYPE GREEN LED
NESG021T NICHIA-NESG021T Datasheet
476Kb / 13P
   TYPE GREEN LED
NESG426CT NICHIA-NESG426CT Datasheet
363Kb / 13P
   TYPE GREEN LED
NHSG046T NICHIA-NHSG046T Datasheet
622Kb / 13P
   TYPE GREEN LED
NS6G083T NICHIA-NS6G083T Datasheet
385Kb / 14P
   TYPE GREEN LED
NSCG455AT NICHIA-NSCG455AT Datasheet
335Kb / 13P
   TYPE GREEN LED
NESG064T NICHIA-NESG064T Datasheet
385Kb / 13P
   TYPE GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com