Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESW425CT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NESW425CT
Description  TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESW425CT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NESW425CT Datasheet HTML 2Page - NICHIA CORPORATION NESW425CT Datasheet HTML 3Page - NICHIA CORPORATION NESW425CT Datasheet HTML 4Page - NICHIA CORPORATION NESW425CT Datasheet HTML 5Page - NICHIA CORPORATION NESW425CT Datasheet HTML 6Page - NICHIA CORPORATION NESW425CT Datasheet HTML 7Page - NICHIA CORPORATION NESW425CT Datasheet HTML 8Page - NICHIA CORPORATION NESW425CT Datasheet HTML 9Page - NICHIA CORPORATION NESW425CT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
1.0
1.8
1.8
4.6
Nichia
STSE-CC5067A-2
<Cat.No.061106>
(4) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Hand Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120
~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature - profile
1.
180
~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature - profile
2.
(N2 reflow is recommended.)
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
Although the recommended soldering conditions are specified in the above table, reflow or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
60sec.Max.
Above 220
°C
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
1~ 5°C / sec.
1~ 5°C / sec.
180 ~ 200°C
<
1 : Lead Solder>
<
2 : Lead-free Solder>
60sec.Max.
Above 200
°C
120sec.Max.
Pre-heating
240°C Max.
10sec. Max.
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
(Unit : mm)


Similar Part No. - NESW425CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NESW007AT NICHIA-NESW007AT Datasheet
626Kb / 13P
   TYPE WHITE LED
NESW007T NICHIA-NESW007T Datasheet
395Kb / 13P
   TYPE WHITE LED
NESW008DT NICHIA-NESW008DT Datasheet
498Kb / 15P
   TYPE WHITE LED
NESW017T NICHIA-NESW017T Datasheet
412Kb / 13P
   TYPE WHITE LED
More results

Similar Description - NESW425CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com