Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSW088T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSSW088T
Description  TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW088T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSSW088T Datasheet HTML 1Page - NICHIA CORPORATION NSSW088T Datasheet HTML 2Page - NICHIA CORPORATION NSSW088T Datasheet HTML 3Page - NICHIA CORPORATION NSSW088T Datasheet HTML 4Page - NICHIA CORPORATION NSSW088T Datasheet HTML 5Page - NICHIA CORPORATION NSSW088T Datasheet HTML 6Page - NICHIA CORPORATION NSSW088T Datasheet HTML 7Page - NICHIA CORPORATION NSSW088T Datasheet HTML 8Page - NICHIA CORPORATION NSSW088T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CC7027A
<Cat.No.070309>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
35
mA
Pulse Forward Current
IFP
100
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
123
mW
Operating Temperature
Topr
-40 ~ +110
°C
Storage Temperature
Tstg
-40 ~ +110
°C
Dice Temperature
Tj
125
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Thermal Characteristics
(Ta=25°C)
Item
Symbol
Typ.
Unit
Rja
380
°C/W
Heat resistance
Rjs
190
°C/W
Rja = Heat resistance from Dice to Ambient temperature (Ta)
Rjs = Heat resistance from Dice to Solder temperature of Cathode Side (Ts)
Using Nichia standard circuit board
FR4, t=1.6mm, Copper foil, t=35µm
(3) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
(3.2)
3.5
V
Luminous Intensity
(Chromaticity Coordinate 1)
Iv
IF=20[mA]
(1500)
-
mcd
x
-
IF=20[mA]
0.31
-
-
Chromaticity Coordinate 1
y
-
IF=20[mA]
0.32
-
-
Luminous Intensity
(Chromaticity Coordinate 2)
Iv
IF=20[mA]
(1400)
-
mcd
x
-
IF=20[mA]
0.28
-
-
Chromaticity Coordinate 2
y
-
IF=20[mA]
0.27
-
-
Please refer to CIE 1931 chromaticity diagram.
(4) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank W1
Iv
IF=20[mA]
2000
2400
mcd
Rank V2
Iv
IF=20[mA]
1720
2000
mcd
Rank V1
Iv
IF=20[mA]
1440
1720
mcd
Rank U2
Iv
IF=20[mA]
1200
1440
mcd
Rank U1
Iv
IF=20[mA]
1000
1200
mcd
Luminous Intensity
Rank T2
Iv
IF=20[mA]
860
1000
mcd
Luminous Intensity Measurement allowance is ± 10%.
<
=
<
=


Similar Part No. - NSSW088T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW088A NICHIA-NSSW088A Datasheet
291Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW088AT NICHIA-NSSW088AT Datasheet
291Kb / 17P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NSSW088T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com