Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESWC04T Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NESWC04T
Description  TYPE WHITE LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESWC04T Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NESWC04T Datasheet HTML 1Page - NICHIA CORPORATION NESWC04T Datasheet HTML 2Page - NICHIA CORPORATION NESWC04T Datasheet HTML 3Page - NICHIA CORPORATION NESWC04T Datasheet HTML 4Page - NICHIA CORPORATION NESWC04T Datasheet HTML 5Page - NICHIA CORPORATION NESWC04T Datasheet HTML 6Page - NICHIA CORPORATION NESWC04T Datasheet HTML 7Page - NICHIA CORPORATION NESWC04T Datasheet HTML 8Page - NICHIA CORPORATION NESWC04T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
-3-
Nichia STSE-CC4082A
<Cat.No.041125>
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Test Conditions
Note
Resistance to
Soldering Heat
(Reflow Soldering)
Recommended temperature profile (reflow soldering)
× 2,
(2nd test must be started after the samples are
stabilized thermally.)
2 times
Temperature Cycle
-30°C ~ 85°C
30min. 30min.
5 cycles
High Temperature Storage
Ta=85°C
500hrs.
Temperature Humidity
Storage
Ta=60°C, RH=90%
500hrs.
Low Temperature Storage
Ta=-30°C
500hrs.
Steady State Operating Life
Ta=25°C,
IF=10mA
500hrs.
(2) CRITERIA FOR JUDGING THE DAMAGE
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=10mA
-
U*)
1.2
Reverse Current
IR
VR=5V
-
U*)
2.0
Luminous Intensity
IV
IF=10mA
S**)
0.5
-
*) U : Upper limit of the spedified characteristics
**) S : The initial value
Note: Measurement shall be taken between 2 hours and 24 hours, having returned the test pieces
to the normal ambient conditions after the completion of each test.


Similar Part No. - NESWC04T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NESW007AT NICHIA-NESW007AT Datasheet
626Kb / 13P
   TYPE WHITE LED
NESW007T NICHIA-NESW007T Datasheet
395Kb / 13P
   TYPE WHITE LED
NESW008DT NICHIA-NESW008DT Datasheet
498Kb / 15P
   TYPE WHITE LED
NESW017T NICHIA-NESW017T Datasheet
412Kb / 13P
   TYPE WHITE LED
More results

Similar Description - NESWC04T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com