Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C316162V-6 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V54C316162V-6
Description  200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C316162V-6 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V54C316162V-6 Datasheet HTML 5Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 6Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 7Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 8Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 9Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 10Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 11Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 12Page - Mosel Vitelic, Corp V54C316162V-6 Datasheet HTML 13Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
V54C316162V Rev. 2.9 September 2001
MOSEL VITELIC
V54C316162V
Operating Currents (TA =0 to 70°C, VCC =3.3V ± 0.3V)
(Recommended Operating Conditions unless otherwise noted)
Notes:
3.
These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and
tRC. Input signals are changed one time during tCK except for ICC6 and for standby current when tCK =infinity.
4.
These parameter are measured with continuous data stream during read access and all DQ toggling.
Symbol
Parameter & Test Condition
Max.
Unit
Note
-5
-55
-6
-7
ICC1
Operating Current
Active-precharge command cycling,
without Burst Operation
1 bank operation
tRC =tRCMIN.,tCK =tCKMIN
CL = 3
125
120
115
105
mA
3
ICC2P
Precharge Standby Current
in Power Down Mode
CS =VIH,CKE≤ VIL(max)
tCK =min.
2
2
2
2
mA
3
ICC2PS
tCK = Infinity
2
2
2
2
mA
3
ICC2N
Precharge Standby Current
in Non-Power Down Mode
CS =VIH,CKE≥ VIL(max)
tCK = min.
1515
1515
mA
ICC2NS
tCK = Infinity
5
5
5
5
mA
ICC3P
Active Standby Current in
Power-down mode
CKE =<VIL(max), tck = min
33
33
mA
ICC3PS
CKE =<VIL(max), tck = infinity
3
3
3
3
mA
ICC3N
Active Standby Current in
non Power-down mode
CKE => VIL(max), tck = min
45
45
45
45
mA
ICC3NS
CKE => VIL(max), tck = infinity
4040
4040
mA
ICC4
Burst Operating Current
Read/Write command cycling
CL = 3
tCK =min.
160
155
150
140
mA
3, 4
ICC5
Auto Refresh Current
Auto Refresh command cycling
CL = 3
tCK =min.
110
105
100
90
mA
3
ICC6
Self Refresh Current
Self Refresh Mode, CKE=<0.2V
11
11
mA


Similar Part No. - V54C316162V-6

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-5 MOSEL-V54C316162VC-5 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-55 MOSEL-V54C316162VC-55 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-6 MOSEL-V54C316162VC-6 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-7 MOSEL-V54C316162VC-7 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
More results

Similar Description - V54C316162V-6

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C333322V MOSEL-V54C333322V Datasheet
124Kb / 21P
   200/183/166 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 1M X 32 SDRAM 2 BANKS X 512Kbit X 32
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
   200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com