Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F827 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
56F827 Technical Data, Rev. 12
10
Freescale Semiconductor
2.2 Signals and Package Information
All inputs have a weak internal pull-up circuit associated with them. These pull-up circuits are always
enabled. Exceptions:
1. When a pin is owned by GPIO, then the pull-up may be disabled under software control.
2. TCK has a weak pull-down circuit always active.
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP
Signal Name
Pin No.
Type
Description
VDD
116
VDD
Power—These pins provide power to the internal structures of the chip, and
are generally connected to a 2.5V supply.
VDD
81
VDD
VDD
19
VDD
VDDA
62
VDDA
Analog Power—This pin is a dedicated power pin for the analog portion of the
chip and should be connected to a low-noise 3.3V supply.
VDDA_ADC
69
VDDA
Analog Power—This pin is a dedicated power pin for the analog portion of the
ADC module and should be connected to a low-noise 3.3V supply.
VDDIO
113
VDDIO
Power In/Out—These pins provide power to the I/O structures of the chip, and
are generally connected to a 3.3V supply.
VDDIO
82
VDDIO
VDDIO
56
VDDIO
VDDIO
29
VDDIO
VDDIO
4VDDIO
VSS
115
VSS
GND—These pins provide grounding for the internal structures of the chip. All
should be attached to VSS.
VSS
80
VSS
VSS
20
VSS
VSSA
61
VSSA
Analog Ground—This pin supplies an analog ground.
VSSA_ADC
63
VSSA
Analog Ground—This pin is a dedicated ground pin for the analog portion of
the ADC module.
VSSIO
114
VSSIO
GND In/Out—These pins provide grounding for the I/O ring on the chip.
All should be attached to VSS.
VSSIO
83
VSSIO
VSSIO
58
VSSIO
VSSIO
30
VSSIO
VSSIO
5VSSIO
TCS
43
Input/Output
(Schmitt)
TCS—This pin is reserved for factory use. It must be tied to VSS for normal
use. In block diagrams, this pin is considered an additional VSS.


Similar Part No. - 56F827

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F827 MOTOROLA-56F827 Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
More results

Similar Description - 56F827

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com