Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT60QHD45 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # PT60QHD45
Description  Pulse Power Thyristor Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

PT60QHD45 Datasheet(HTML) 5 Page - Dynex Semiconductor

  PT60QHD45 Datasheet HTML 1Page - Dynex Semiconductor PT60QHD45 Datasheet HTML 2Page - Dynex Semiconductor PT60QHD45 Datasheet HTML 3Page - Dynex Semiconductor PT60QHD45 Datasheet HTML 4Page - Dynex Semiconductor PT60QHD45 Datasheet HTML 5Page - Dynex Semiconductor PT60QHD45 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PT60QHx45
5/6
Package Details
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
2 holes Ø3.60
± 0.05 x 2.0 ± 0.1 deep (One in each electrode)
52
55
9.6
15˚
Cathode Aux. Tube
Gate Tube
Cathode
Anode
Ø62.85
Ø100
Ø62.85
Nominal weight: 820g
Clamping force: 20kN
±10%
Package outine type code: H


Similar Part No. - PT60QHD45

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
PT60QHX45 DYNEX-PT60QHX45 Datasheet
232Kb / 6P
   Pulse Power Thyristor Switch
PT60QHX45 DYNEX-PT60QHX45_16 Datasheet
232Kb / 6P
   Pulse Power Thyristor Switch
More results

Similar Description - PT60QHD45

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
PT60QHX45 DYNEX-PT60QHX45_16 Datasheet
232Kb / 6P
   Pulse Power Thyristor Switch
PT85QWX45 DYNEX-PT85QWX45 Datasheet
1Mb / 5P
   Pulse Power Thyristor switch
PT40QPX45 DYNEX-PT40QPX45 Datasheet
58Kb / 6P
   Pulse Power Thyristor Switch
PT40QPX45 DYNEX-PT40QPX45_16 Datasheet
237Kb / 6P
   Pulse Power Thyristor Switch
logo
NXP Semiconductors
ACT108-600E PHILIPS-ACT108-600E Datasheet
339Kb / 12P
   AC Thyristor power switch
Rev. 02-21 October 2009
ACT108W-600E PHILIPS-ACT108W-600E Datasheet
283Kb / 13P
   AC Thyristor power switch
Rev. 04-9 December 2009
logo
WeEn Semiconductors
ACT108W-600D WEEN-ACT108W-600D Datasheet
232Kb / 14P
   AC Thyristor power switch
ACT108W-600E WEEN-ACT108W-600E Datasheet
233Kb / 14P
   AC Thyristor power switch
ACT102H-600D WEEN-ACT102H-600D Datasheet
210Kb / 13P
   AC Thyristor power switch
ACT108-800E WEEN-ACT108-800E Datasheet
358Kb / 13P
   AC Thyristor power switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com