Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG3513CH Datasheet(PDF) 2 Page - Humirel

Part # HTG3513CH
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3513CH Datasheet(HTML) 2 Page - Humirel

  HTG3513CH Datasheet HTML 1Page - Humirel HTG3513CH Datasheet HTML 2Page - Humirel HTG3513CH Datasheet HTML 3Page - Humirel HTG3513CH Datasheet HTML 4Page - Humirel HTG3513CH Datasheet HTML 5Page - Humirel HTG3513CH Datasheet HTML 6Page - Humirel HTG3513CH Datasheet HTML 7Page - Humirel HTG3513CH Datasheet HTML 8Page - Humirel HTG3513CH Datasheet HTML 9Page - Humirel Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
2
Power Supply option of HTG3400 Series at 5VDC
Continuous Mode:
When powering HTG3400 series modules at 5VDC in continuous mode, an initial 3-minute stabilization time (ts) is
necessary to reach the temperature and the RH outputs with an optimum accuracy.
Pulsed Mode:
When powering HTG3400 series modules in pulsed mode, accurate temperature and RH measurement is reached
instantaneously. Time up (Tup) must be of 5% of the cycle time. Minimum time up (Tup) is 150 ms. Thus minimium
cycle time is 3s.
Power Supply option of HTG3400 Series at 3.3VDC
At 3.3VDC power supply, there is no measurable impact of type of powering on temperature and RH accuracy.
Cycle time
Supply Voltage (V)
Time
Tup = 5% of
cycle time
Vcc = 5V


Similar Part No. - HTG3513CH

ManufacturerPart #DatasheetDescription
logo
Humirel
HTG3513CH HUMIREL-HTG3513CH Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTG3513CH

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
   Relative Humidity and Temperature Probe
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com