Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG3433PVBS Datasheet(PDF) 9 Page - Humirel

Part # HTG3433PVBS
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3433PVBS Datasheet(HTML) 9 Page - Humirel

Back Button HTG3433PVBS Datasheet HTML 2Page - Humirel HTG3433PVBS Datasheet HTML 3Page - Humirel HTG3433PVBS Datasheet HTML 4Page - Humirel HTG3433PVBS Datasheet HTML 5Page - Humirel HTG3433PVBS Datasheet HTML 6Page - Humirel HTG3433PVBS Datasheet HTML 7Page - Humirel HTG3433PVBS Datasheet HTML 8Page - Humirel HTG3433PVBS Datasheet HTML 9Page - Humirel HTG3433PVBS Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
9
Package Outline
with PVBL connector
(4.27 mm – 0.198 in long)
Color : Black
Weight : 1.8g
6
%
'
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
10.8 ± 0.5
Package Outline
with CFB connector
Color : Black
Weight : 1.8g
6
%
'
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
5.96 ± 0.5
Double coated adhesive tape could be used on potted area for housings 1 and 3 (ref:.3M – 5925F) to fix parts.
RESISTANCE TO PHYSICAL AND CHEMICAL STRESSES
HTG3400 series contain circuits to protect its inputs and outputs against Electrostatic discharges (ESD) up to
±15kV, air discharge.
HTG3400 series are protected against EMC interferences.
HTG3400 series are protected against reverse polarity.
Additional tests under harsh chemical conditions demonstrate good operation in presence of salt atmosphere,
SO2 (0.5%), H2S (0.5%), O3, NOx, NO, CO, CO2, Softener, Soap, Toluene, acids (H2SO4, HNO3, HCl), HMDS,
Insecticide, Cigarette smoke, a non-exhaustive list.
HTG3400 series are not light sensitive.


Similar Part No. - HTG3433PVBS

ManufacturerPart #DatasheetDescription
logo
Humirel
HTG3433PVBL HUMIREL-HTG3433PVBL Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTG3433PVBS

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
   Relative Humidity and Temperature Probe
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com