Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJSL036AT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NJSL036AT
Description  WARM WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSL036AT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NJSL036AT Datasheet HTML 1Page - NICHIA CORPORATION NJSL036AT Datasheet HTML 2Page - NICHIA CORPORATION NJSL036AT Datasheet HTML 3Page - NICHIA CORPORATION NJSL036AT Datasheet HTML 4Page - NICHIA CORPORATION NJSL036AT Datasheet HTML 5Page - NICHIA CORPORATION NJSL036AT Datasheet HTML 6Page - NICHIA CORPORATION NJSL036AT Datasheet HTML 7Page - NICHIA CORPORATION NJSL036AT Datasheet HTML 8Page - NICHIA CORPORATION NJSL036AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-1-
Nichia
STSE-CC7031A
<Cat.No.070309>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ts=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
650
mA
Pulse Forward Current
IFP
900
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
2.6
W
Operating Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
150
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ts=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=350[mA]
(3.6)
4.0
V
Luminous Flux
φv
IF=350[mA]
(37)
-
lm
x
-
IF=350[mA]
0.41
-
-
Chromaticity Coordinate
y
-
IF=350[mA]
0.39
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ts=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank P14
51.0
60.5
Rank P13
42.8
51.0
Rank P12
36.0
42.8
Rank P11
30.3
36.0
Luminous Flux
Rank P10
φv
IF=350[mA]
25.5
30.3
lm
Luminous Flux Measurement allowance is ± 7%.
Color Ranks
(IF=150mA,Ts=25°C)
Rank d1
x
0.3575
0.3610
0.3780
0.3988
0.3897
0.3720
y
0.3612
0.3850
0.3970
0.4116
0.3823
0.3714
Rank d2
x
0.3545
0.3575
0.3720
0.3897
0.3822
0.3667
y
0.3408
0.3612
0.3714
0.3823
0.3580
0.3484
Rank e1
x
0.3897
0.3988
0.4162
0.4390
0.4255
0.4053
y
0.3823
0.4116
0.4200
0.4310
0.4000
0.3907
<
=
<
=


Similar Part No. - NJSL036AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJSL036LT NICHIA-NJSL036LT Datasheet
592Kb / 17P
   TYPE WARM WHITE LED
More results

Similar Description - NJSL036AT

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
   WARM WHITE LED
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
   WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
   WARM WHITE LED
NSPL500DS NICHIA-NSPL500DS Datasheet
486Kb / 13P
   WARM WHITE LED
NSPL510S NICHIA-NSPL510S Datasheet
417Kb / 15P
   WARM WHITE LED
NFSL036CT-H1 NICHIA-NFSL036CT-H1 Datasheet
522Kb / 15P
   WARM WHITE LED
NGPLR70ASS NICHIA-NGPLR70ASS Datasheet
270Kb / 13P
   WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS Datasheet
475Kb / 13P
   WARM WHITE LED
NSPLR70ASS NICHIA-NSPLR70ASS Datasheet
409Kb / 13P
   WARM WHITE LED
logo
Marl International Limi...
NSPL500DS MARL-NSPL500DS Datasheet
494Kb / 14P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com